データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD3860 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDD3860
部品情報  N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3860 データシート(HTML) 3 Page - Fairchild Semiconductor

  FDD3860_08 Datasheet HTML 1Page - Fairchild Semiconductor FDD3860_08 Datasheet HTML 2Page - Fairchild Semiconductor FDD3860_08 Datasheet HTML 3Page - Fairchild Semiconductor FDD3860_08 Datasheet HTML 4Page - Fairchild Semiconductor FDD3860_08 Datasheet HTML 5Page - Fairchild Semiconductor FDD3860_08 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.fairchildsemi.com
3
©2008 Fairchild Semiconductor Corporation
FDD3860 Rev.C1
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
01
2
3
45
0
10
20
30
40
50
60
VGS = 8V
VGS = 6V
VGS = 10V
VGS = 7V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure 2.
0
1020
30
4050
60
0.5
1.0
1.5
2.0
2.5
3.0
V
GS = 7V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
ID, DRAIN CURRENT (A)
V
GS = 8V
V
GS = 6V
V
GS = 10V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On- Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = 5.9A
VGS = 10V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
56
7
8
9
10
0
20
40
60
80
100
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = 125oC
TJ = 25oC
ID = 5.9A
VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
2468
10
0
10
20
30
40
50
60
VDS = 10V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E-3
0.01
0.1
1
10
100
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS = 0V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


同様の部品番号 - FDD3860_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD3860 FAIRCHILD-FDD3860 Datasheet
335Kb / 6P
   N-Channel PowerTrench MOSFET 100V, 29A, High performance trench technology for extremely low
logo
Inchange Semiconductor ...
FDD3860 ISC-FDD3860 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - FDD3860_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com