データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G97GM データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74AUP1G97GM
部品情報  Low-power configurable multiple function gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G97GM データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G97GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 11Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 12Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 13Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 14Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
74AUP1G97
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 10 January 2011
11 of 22
NXP Semiconductors
74AUP1G97
Low-power configurable multiple function gate
[1]
For measuring enable and disable times RL = 5 kΩ, for measuring propagation delays, setup and hold times and pulse width RL = 1 MΩ.
13. Transfer characteristics
Test data is given in Table 11.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 13. Test circuit for measuring switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
Ω
CL
G
Table 11.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL[1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF
5 k
Ω or 1 MΩ
open
GND
2VCC
Table 12.
Transfer characteristics
Voltages are referenced to GND (ground = 0 V; for test circuit see Figure 13.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
VT+
positive-going
threshold voltage
see Figure 14 and Figure 15
VCC = 0.8 V
0.30
-
0.60
0.30
0.60
0.62
V
VCC = 1.1 V
0.53
-
0.90
0.53
0.90
0.92
V
VCC = 1.4 V
0.74
-
1.11
0.74
1.11
1.13
V
VCC = 1.65 V
0.91
-
1.29
0.91
1.29
1.31
V
VCC = 2.3 V
1.37
-
1.77
1.37
1.77
1.80
V
VCC = 3.0 V
1.88
-
2.29
1.88
2.29
2.32
V
VT−
negative-going
threshold voltage
see Figure 14 and Figure 15
VCC = 0.8 V
0.10
-
0.60
0.10
0.60
0.60
V
VCC = 1.1 V
0.26
-
0.65
0.26
0.65
0.65
V
VCC = 1.4 V
0.39
-
0.75
0.39
0.75
0.75
V
VCC = 1.65 V
0.47
-
0.84
0.47
0.84
0.84
V
VCC = 2.3 V
0.69
-
1.04
0.69
1.04
1.04
V
VCC = 3.0 V
0.88
-
1.24
0.88
1.24
1.24
V


同様の部品番号 - 74AUP1G97GM

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G97GM PHILIPS-74AUP1G97GM Datasheet
97Kb / 19P
   Low-power configurable multiple function gate
Rev. 01-7 November 2006
74AUP1G97GM NXP-74AUP1G97GM Datasheet
109Kb / 19P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Nexperia B.V. All right...
74AUP1G97GM NEXPERIA-74AUP1G97GM Datasheet
300Kb / 20P
   Low-power configurable multiple function gate
Rev. 13 - 9 May 2023
More results

同様の説明 - 74AUP1G97GM

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com