データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z0103MA0,116 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 Z0103MA0,116
部品情報  4Q Triac Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103MA0,116 データシート(HTML) 2 Page - NXP Semiconductors

  Z0103MA0,116 Datasheet HTML 1Page - NXP Semiconductors Z0103MA0,116 Datasheet HTML 2Page - NXP Semiconductors Z0103MA0,116 Datasheet HTML 3Page - NXP Semiconductors Z0103MA0,116 Datasheet HTML 4Page - NXP Semiconductors Z0103MA0,116 Datasheet HTML 5Page - NXP Semiconductors Z0103MA0,116 Datasheet HTML 6Page - NXP Semiconductors Z0103MA0,116 Datasheet HTML 7Page - NXP Semiconductors Z0103MA0,116 Datasheet HTML 8Page - NXP Semiconductors Z0103MA0,116 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Z0103MA0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2011
2 of 13
NXP Semiconductors
Z0103MA0
4Q Triac
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
T2
main terminal 2
SOT54 (TO-92)
2
G
gate
3
T1
main terminal 1
1
2
3
sym051
T1
G
T2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
Z0103MA0
TO-92
plastic single-ended leaded (through hole) package; 3 leads
SOT54
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
-
600
V
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 38 °C; see Figure 3;
see Figure 1; see Figure 2
-1
A
ITSM
non-repetitive peak on-state
current
full sine wave; Tj(init) =25°C; tp = 20 ms;
see Figure 4; see Figure 5
-
12.5
A
full sine wave; Tj(init) =25°C; tp = 16.7 ms
-
13.8
A
I2t
I2t for fusing
tp = 10 ms; sine-wave pulse
-
0.78
A2s
dIT/dt
rate of rise of on-state current
IT =1A; IG =20mA; dIG/dt = 100 mA/µs;
T2+ G+
-50
A/µs
IT =1A; IG =20mA; dIG/dt = 100 mA/µs;
T2+ G-
-50
A/µs
IT =1A; IG =20mA; dIG/dt = 100 mA/µs;
T2- G-
-50
A/µs
IT =1A; IG =20mA; dIG/dt = 100 mA/µs;
T2- G+
-20
A/µs
IGM
peak gate current
-
1
A
PGM
peak gate power
-
2
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
125
°C


同様の部品番号 - Z0103MA0,116

メーカー部品番号データシート部品情報
logo
WeEn Semiconductors
Z0103MA0 WEEN-Z0103MA0 Datasheet
381Kb / 13P
   4Q Triac
More results

同様の説明 - Z0103MA0,116

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com