データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


LA1145M データシート(Datasheet) 10 Page - Sanyo Semicon Device

部品番号. LA1145M
部品情報  FM IF System (Quadrature Detector) for Car Radio
ダウンロード  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  http://www.ssdc-jp.com/eng/
Logo 

 10 page
background image
1)
Current path during detuning
2)
Current return path from detuning
As can be seen from the above circuit diagrams, the time constant during detuning is determined by the internal PNP
resistance, the NPN collector resistance and the capacitance of the externally- mounted capacitor. This time constant is
determined by the external resistance RAFC and capacitor C. This time constant, τ =RAFC × C, must be set depending on the
required search time.
3.
Narrow-band SD output circuit
An IF count circuit is provided for equipment compatibility for the European marketplace. However, if the band is made
narrow using only the SD circuit, there is a tendency for the number of erroneous stops caused by an undesired signal to
increase. To prevent this, two threshold voltages should be used to control the SD circuit.
The input/output current from pin 8 becomes zero during return.
SD output
SD sensitivity setting
Mute driver pin for the 2nd threshold voltage.
Band Mute Characteristics (1)
Without C17
Frequency,
∆f – kHz
Band Mute Characteristics (2)
With C17 = 10000 pF
Frequency,
∆f – kHz
LA1145, 1145M
No. 2725-10/17




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
LA1140FM IF System for Car Radio 1 2 3 4 5 MoreSanyo Semicon Device
NTE1604Integrated Circuit FM IF System for Car Radio 1 2 3 NTE Electronics
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
AN7293NSCFM-IF NC MPX IC for car radio 1 2 3 4 5 Panasonic Semiconductor
TDA73752 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO 1 2 3 4 5 MoreSTMicroelectronics
LA1177Electronic Tuning-Use FM Front End for Car Radio Home Stereos 1 2 3 4 5 MoreSanyo Semicon Device
KIA6030ZBIPOLAR LINEAR INTEGRATED CIRCUIT FM MPX SYSTEM FOR CAR ETR 1 2 3 4 5 MoreKEC(Korea Electronics)
NTE7053Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio 1 2 3 NTE Electronics
AN7298FBPFM-IF NC and MPX IC for car radio 1 2 3 4 5 MorePanasonic Semiconductor
TDA8562Q4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface 1 2 3 4 5 MoreNXP Semiconductors

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl