データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1136 データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 LA1136
部品情報  AM Tuners for Car Radios and Home Stereos
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136 データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button LA1136 Datasheet HTML 7Page - Sanyo Semicon Device LA1136 Datasheet HTML 8Page - Sanyo Semicon Device LA1136 Datasheet HTML 9Page - Sanyo Semicon Device LA1136 Datasheet HTML 10Page - Sanyo Semicon Device LA1136 Datasheet HTML 11Page - Sanyo Semicon Device LA1136 Datasheet HTML 12Page - Sanyo Semicon Device LA1136 Datasheet HTML 13Page - Sanyo Semicon Device LA1136 Datasheet HTML 14Page - Sanyo Semicon Device LA1136 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LA1136N, LA1137N Pin Specifications (Pins connected to an external microcontroller)
(1) IF Band Switching : Pin 12
Narrowband :
3.5 V or greater
Wideband :
2.1 V or lower
(2) Seek Detection : Pin 14
Station seek :
3.5 V or greater
Receive mode : 1.5 V or lower
(3) IF Count Buffer : Pin 17
IF count buffer enabled : 2.5 V or greater
IF count buffer disabled : 1.2 V or lower
(4) SD output, tweet prevention control pin: Pin 22
The function of pin 22 is determined by the control voltage on pin 14 as follows:
[Pin 14]
[Pin 22]
HIGH (3.5 V or higher)
SD output pin (active high)
LOW (1.5 V or lower)
Tweet prevention input pin
Microcontroller control voltage, Tweet prevention
HIGH (3.5 V or higher)
off
LOW (1.5 V or lower)
on
Note: It is necessary to modify the microcontroller specifications in order to implement tweet prevention. When a
conventional microcontroller is used with the LA1136N or the LA1137N, the tweet prevention circuit does not operate,
but all other functions operate independently.
Device Comparison
Comparison between LA1135, LA1136N and LA1137N
Parameter
LA1135
LA1136N
LA1137N
Packages
DIP20S, MFP20
DIP24S, MFP24
DIP20S, MFP20
Double-balanced mixer
Yes
Yes
Yes
Oscillator
LW to SW
Supports AM stereo in LW
and MW, low-band noise reduction
LW to SW
Local-oscillator buffer
Yes
Yes
Yes
IF amplifier
Yes
Yes
Yes
Detector
External capacitor
Internal capacitor
Internal capacitor
IF-band switching
No
Yes
No
S-meter linearity
Approximately 80 dBµ
Approximately 100 dBµ
Approximately 100 dBµ
Active-HIGH stop detector output
No (requires 2 transistors)
Yes
Yes
Stop detector sensitivity
S-meter load dependent
Set by external resistor (Pin 10)
Set by external resistor (Pin 9)
IF count buffer
No (requires 2 transistors)
Yes
Yes
AM stereo buffer
No
Yes
No
IF AGC
Yes
Yes
Yes
IF AGC time-constant switching
No (requires 1 transistor)
Yes
Yes
IF AGC reset
No
Yes
Yes
Wideband RF AGC
Yes
Yes
Yes
RF AGC time-constant switching
No
Yes
Yes
Antenna dumping
Transistor
Pin-diode
Pin-diode
Tweet prevention
No
Yes
Yes
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-11/28


同様の部品番号 - LA1136

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
LA1135M SANYO-LA1135M Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
More results

同様の説明 - LA1136

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
   AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
STMicroelectronics
TDA7786 STMICROELECTRONICS-TDA7786 Datasheet
919Kb / 54P
   ELITE automotive tuners for AM/FM car-radio
October 2016 Rev 5
logo
Sanyo Semicon Device
LA1177 SANYO-LA1177 Datasheet
396Kb / 8P
   Electronic Tuning-Use FM Front End for Car Radio, Home Stereos
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
STMicroelectronics
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
   AM/FM car radio Front-End receiver for IF sampling tuners
logo
Sanyo Semicon Device
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com