データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1193M データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LA1193M
部品情報  High-Performance FM Front End for Car Radios
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1193M データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LA1193M Datasheet HTML 5Page - Sanyo Semicon Device LA1193M Datasheet HTML 6Page - Sanyo Semicon Device LA1193M Datasheet HTML 7Page - Sanyo Semicon Device LA1193M Datasheet HTML 8Page - Sanyo Semicon Device LA1193M Datasheet HTML 9Page - Sanyo Semicon Device LA1193M Datasheet HTML 10Page - Sanyo Semicon Device LA1193M Datasheet HTML 11Page - Sanyo Semicon Device LA1193M Datasheet HTML 12Page - Sanyo Semicon Device LA1193M Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
This double wide-band AGC system consists of two AGC circuits and a narrow AGC (pin 13 input, mixer input
detection type) as shown in Figure 1. Figure 2 shows the antenna input frequency characteristics.
Figure 2 AGC Sensitivity Detuning Characteristics
Features of the Double Wide AGC System
— Since this is a mixer input detection wide-band AGC, it prevents the occurrence of intermodulation due to
interfering stations with
∆f > 1 MHz. (TV band interference prevention)
— Since this system uses a narrow AGC at the same time, the wide AGC sensitivity can be lowered, thus
preventing incorrect operation due to local oscillator injection.
— Optimal sensitivities for any field conditions can be set, since the sensitivities of both the wide and narrow
AGC systems can be set by changing the values of external components.
— The input level of the desired station is limited by the narrow AGC. As a result, excessive levels are no longer
input to the stages that follow the mixer and the beats at multiples of 10.7
× A are reduced.
• Two-Signal Sensitivity Suppression Characteristics
Previously, keyed AGC systems were used to provide good intermodulation distortion and two signal sensitivity
suppression characteristics at the same time. However, in previous keyed AGC systems, when the desired station
would fade or drop out, the wide band AGC level would become essentially zero. As a result, the automatic station
selection function would malfunction and blocking oscillation would occur in the presence of strong interfering
stations. Thus keyed AGC systems were extremely hard to use in actual practice. Sanyo has developed a new AGC
system (3D-AGC) that solves these problems and allows the construction of extremely simple application circuits.
The LA1193M/V incorporates this AGC system.
What is the 3D-AGC system?
It is a system that determines the wide-band AGC level by using information that has the following three frequency
characteristics.
No. 4715-9/21
LA1193M, 1193V
RF and antenna circuit information
Mixer circuit information
C, F and selectivity information
Mixer input AGC
Mixer output AGC
S-meter output
Three
dimensions


同様の部品番号 - LA1193M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M Datasheet
1Mb / 22P
   High-Performance FM Front End
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
   High-Performance FM Front End
More results

同様の説明 - LA1193M

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
AN7216 PANASONIC-AN7216 Datasheet
128Kb / 4P
   FM Front End Circuit for Radios
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
NXP Semiconductors
TEA6810V PHILIPS-TEA6810V Datasheet
194Kb / 24P
   Front-end and PLL synthesizers for car radios
1996 Jun 18
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
   High-Performance FM Front End
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
   FM Front-end IC for Car Radio
logo
Sanyo Semicon Device
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
logo
TEMIC Semiconductors
U4062B TEMIC-U4062B Datasheet
219Kb / 21P
   HF Front End for Car Radios and HiFi Receivers
logo
Sanyo Semicon Device
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com