データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1260 データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LA1260
部品情報  FM/AM Tuner System for Radio-Casette Recorders, Music Centers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1260 データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LA1260 Datasheet HTML 2Page - Sanyo Semicon Device LA1260 Datasheet HTML 3Page - Sanyo Semicon Device LA1260 Datasheet HTML 4Page - Sanyo Semicon Device LA1260 Datasheet HTML 5Page - Sanyo Semicon Device LA1260 Datasheet HTML 6Page - Sanyo Semicon Device LA1260 Datasheet HTML 7Page - Sanyo Semicon Device LA1260 Datasheet HTML 8Page - Sanyo Semicon Device LA1260 Datasheet HTML 9Page - Sanyo Semicon Device LA1260 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LA1260
No.1506-6/14
FM IF/MW Test Circuit
Unit (resistance :
Ω, capacitance : F)
L1 TN10896 (Mitsumi)
T1 YT-30194 (Mitsumi), 2153-4095-239 (Sumida)
T2 KW-30011 (Mitsumi)
T3 YT-30105 (Mitsumi)
[FM Characteristics]
Antenna input voltage, VIN – dB/m
Modulation frequency – Hz
MW input char.
1MHz reception
Antenna input voltage, VIN – dB/m
MW fidelity char.
Frequency,
∆ – kHz
Sensitivity char.
f=1MHz
Output 25mV const
Attenuation
Distortion
Input 30% mod.
Voltage at
pin 11
Current drain
LED lighted
Noise
voltage
Detection
output


同様の部品番号 - LA1260

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1265 SANYO-LA1265 Datasheet
1Mb / 15P
   FM/AM Tuner of Electronic Tuning Type
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
   AM/FM Tuner System Of Electronic Tuning Type
LA1267 SANYO-LA1267 Datasheet
557Kb / 14P
   FM/AM Tuner of Electronic Tuning Type
logo
LIGITEK electronics co....
LA126B-3-SR LIGITEK-LA126B-3-SR Datasheet
66Kb / 5P
   LED ARRAY
More results

同様の説明 - LA1260

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1805 SANYO-LA1805 Datasheet
1,006Kb / 13P
   AM/FM-IF/MPX Tuner System for Radio-Casette Recorders, Music Centers
LA1810 SANYO-LA1810 Datasheet
590Kb / 13P
   AM/FM/MPX Tuner System for Radio-Cassette Recorders, Music Centers
LA1806 SANYO-LA1806 Datasheet
61Kb / 4P
   AM/FM-IF/MPX Tuner System for Radio-Cassette Recorders, Music Centers
LA1186N SANYO-LA1186N Datasheet
279Kb / 5P
   FM Front End for Radio-Cassette Recorders, Music Centers
logo
Panasonic Semiconductor
AN7224 PANASONIC-AN7224 Datasheet
284Kb / 5P
   AM Tuner, FM-AM IF Amplifier CircuIt for RadIo Cassette Recorders
logo
Sanyo Semicon Device
LA1816 SANYO-LA1816 Datasheet
400Kb / 11P
   Single-Chip AM/FM, MPX Tuner System for Headphone Stereos, Radio-Cassette Recorders
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
   AM/FM RADIO SYSTEM
logo
Sanyo Semicon Device
LA1207 SANYO-LA1207 Datasheet
104Kb / 1P
   FM/AM IF AMP FOR RADIO CASSETE MUSIC CENTER
logo
Unisonic Technologies
TA7611AP UTC-TA7611AP Datasheet
156Kb / 5P
   FM IF/AM TUNER SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com