データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1650C データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 LA1650C
部品情報  Time Code Reception ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1650C データシート(HTML) 7 Page - Sanyo Semicon Device

Back Button LA1650C Datasheet HTML 3Page - Sanyo Semicon Device LA1650C Datasheet HTML 4Page - Sanyo Semicon Device LA1650C Datasheet HTML 5Page - Sanyo Semicon Device LA1650C Datasheet HTML 6Page - Sanyo Semicon Device LA1650C Datasheet HTML 7Page - Sanyo Semicon Device LA1650C Datasheet HTML 8Page - Sanyo Semicon Device LA1650C Datasheet HTML 9Page - Sanyo Semicon Device LA1650C Datasheet HTML 10Page - Sanyo Semicon Device LA1650C Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
No. 6310-7/14
LA1650, 1650C
Continued from preceding page.
Pin No.
Function
No-signal voltage (V)
Notes
Equivalent circuit
0.7
Emitter-follower output
10
11
Amplifier (2) output
10
11
4
17
A12764
0.8
Full-wave rectifier circuit input
RIN = 20 kΩ
12
13
REC input
13
12
RIN
RIN
A12765
0.8
Full-wave rectifier circuit output
ROUT = 75 kΩ
High-frequency components
are smoothed by the capacitor
connected between pin 14 and
ground.
14
REC output
4
ROUT
14
17
A12766
0.7
Wave shaping circuit input
15
DEC input
17
15
A12767
Wave shaping circuit output
ROUT = 100 kΩ
This pin outputs the time code.
(Inverted output)
16
DEC output
4
ROUT
16
17
A12768
0
17
GND
0.8
Vreg = VCC – 0.7 V
18
REG
4
5
18
17
A12769


同様の部品番号 - LA1650C

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
logo
LIGITEK electronics co....
LA165B-R-4SRG.X-AS-PF LIGITEK-LA165B-R-4SRG.X-AS-PF Datasheet
125Kb / 7P
   LED ARRAY
LA165B-R-4SRG.X-PF LIGITEK-LA165B-R-4SRG.X-PF Datasheet
125Kb / 7P
   LED ARRAY
More results

同様の説明 - LA1650C

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
   Monolithic Linear IC Time Code Reception IC
logo
TEMIC Semiconductors
U4224B TEMIC-U4224B Datasheet
225Kb / 17P
   Time Code Receiver
logo
Agilent(Hewlett-Packard...
HBCR-2210 HP-HBCR-2210 Datasheet
153Kb / 15P
   Programmable Bar Code Decode ICs
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Rohm
BU1572GUW ROHM-BU1572GUW Datasheet
431Kb / 13P
   Real Time Video Processor ICs
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
OKI electronic componet...
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
   Longwave Time Code RF Receiver LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com