データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1833NM データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LA1833NM
部品情報  System-on-Chip Tuner IC for Home Stereo Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1833NM データシート(HTML) 3 Page - Sanyo Semicon Device

  LA1833NM Datasheet HTML 1Page - Sanyo Semicon Device LA1833NM Datasheet HTML 2Page - Sanyo Semicon Device LA1833NM Datasheet HTML 3Page - Sanyo Semicon Device LA1833NM Datasheet HTML 4Page - Sanyo Semicon Device LA1833NM Datasheet HTML 5Page - Sanyo Semicon Device LA1833NM Datasheet HTML 6Page - Sanyo Semicon Device LA1833NM Datasheet HTML 7Page - Sanyo Semicon Device LA1833NM Datasheet HTML 8Page - Sanyo Semicon Device LA1833NM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
No. 6568-3/10
LA1833N, 1833NM
Pin Descriptions
Pin No.
Pin
Voltage (V)
Functional description
Equivalent circuit
1
FM IF input
Vreg
ILA00220
1
3
Continued on next page.
The input impedance, ri, is 330 Ω
2
ILA00221
2
AM MIX output
VCC
The mixer coil is connected between pins
2 and 9
ILA00222
3
3
REG
2.1
Vreg = 2.1 V
ILA00223
4
4
AM IF input
Vreg
The input impedance, ri, is 2 k
5
GND
0
ILA00224
7
6
6
7
Tu-LED
ST-LED
Also functions as the
AM stereo IF output
VCC
These are active-low open-collector
outputs.
Set up the current flowing in to these pins
to exceed 100 µA.
ILA00225
8
8
FM-DET
VCC – 2.1
Recommended ceramic discriminators
FCD1070MA11UK2L (TDK)
CDA10.7MG86N (Murata Mfg. Co., Ltd.)
9
VCC
5.0
ILA00226
10
10
AM/FM IF counter
output
Also functions as a
control switch
Also functions as the
muting switch
0
V10
≤ 0.5 V: Reception state (normal)
1.4 V
≤ V10 ≤ 2.2 V: Muting on state.
V10
≥ 3.5 V: Muting on and IF counter on
(seek state).


同様の部品番号 - LA1833NM

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1831 SANYO-LA1831 Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1831M SANYO-LA1831M Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1832 SANYO-LA1832 Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1832M SANYO-LA1832M Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
More results

同様の説明 - LA1833NM

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LV23411V SANYO-LV23411V Datasheet
169Kb / 23P
   For Home Stereo Systems FM/AM Tuner IC
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LV23401V SANYO-LV23401V_11 Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LV23200T SANYO-LV23200T Datasheet
322Kb / 17P
   Bi-CMOS IC For Home Stereo System 1-chip Tuner IC Incorporating PLL
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
logo
Panasonic Semiconductor
AN18208A PANASONIC-AN18208A Datasheet
731Kb / 37P
   Tuner IC for home-audio stereo set
AN18207A PANASONIC-AN18207A Datasheet
730Kb / 38P
   Tuner IC for home-audio stereo set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com