データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLML6302GPBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRLML6302GPBF
部品情報  HEXFET POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLML6302GPBF データシート(HTML) 2 Page - International Rectifier

  IRLML6302GPBF Datasheet HTML 1Page - International Rectifier IRLML6302GPBF Datasheet HTML 2Page - International Rectifier IRLML6302GPBF Datasheet HTML 3Page - International Rectifier IRLML6302GPBF Datasheet HTML 4Page - International Rectifier IRLML6302GPBF Datasheet HTML 5Page - International Rectifier IRLML6302GPBF Datasheet HTML 6Page - International Rectifier IRLML6302GPBF Datasheet HTML 7Page - International Rectifier IRLML6302GPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLML6302GPbF
www.irf.com
2
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20 ––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -4.9 ––– mV/°C Reference to 25°C, ID = -1mA
––– ––– 0.60
VGS = -4.5V, ID = -0.61A ƒ
––– ––– 0.90
VGS = -2.7V, ID = -0.31A ƒ
VGS(th)
Gate Threshold Voltage
-0.70 ––– -1.5
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
0.56 ––– –––
S
VDS = -10V, ID = -0.31A
––– ––– -1.0
VDS = -16V, VGS = 0V
––– ––– -25
VDS = -16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– ––– 100
VGS = 12V
Qg
Total Gate Charge
––– 2.4
3.6
ID = -0.61A
Qgs
Gate-to-Source Charge
––– 0.56 0.84
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
––– 1.0
1.5
VGS = -4.5V, See Fig. 6 and 9 ƒ
td(on)
Turn-On Delay Time
–––
13
–––
VDD = -10V
tr
Rise Time
–––
18
–––
ID = -0.61A
td(off)
Turn-Off Delay Time
–––
22
–––
RG = 6.2Ω
tf
Fall Time
–––
22
–––
RD = 16Ω, See Fig. 10 ƒ
Ciss
Input Capacitance
–––
97
–––
VGS = 0V
Coss
Output Capacitance
–––
53
–––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
–––
28
–––
ƒ = 1.0MHz, See Fig. 5
µA
nA
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(ON)
Static Drain-to-Source On-Resistance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Notes:
 Repetitive rating; pulse width
limited by max. junction temperature. ( See fig. 11 )
‚ ISD ≤ -0.61A, di/dt ≤ 76A/µs, VDD≤V(BR)DSS,
TJ ≤ 150°C
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ Surface mounted on FR-4 board, t ≤ 5sec.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.2
V
TJ = 25°C, IS = -0.61A, VGS = 0V
„
trr
Reverse Recovery Time
–––
35
53
ns
TJ = 25°C, IF = -0.61A
Qrr
Reverse Recovery Charge
–––
26
39
nC
di/dt = -100A/µs
„
Source-Drain Ratings and Characteristics
A
S
D
G
––– ––– -4.9
––– ––– -0.54
ns


同様の部品番号 - IRLML6302GPBF

メーカー部品番号データシート部品情報
logo
ZP Semiconductor
IRLML6302GTRPBF ZPSEMI-IRLML6302GTRPBF Datasheet
287Kb / 2P
   HEXFETPower MOSFET
More results

同様の説明 - IRLML6302GPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com