データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA2900 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA2900
部品情報  Two-Channel High-Output Line Amplifier for Car Audio Systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2900 データシート(HTML) 1 Page - Sanyo Semicon Device

  LA2900 Datasheet HTML 1Page - Sanyo Semicon Device LA2900 Datasheet HTML 2Page - Sanyo Semicon Device LA2900 Datasheet HTML 3Page - Sanyo Semicon Device LA2900 Datasheet HTML 4Page - Sanyo Semicon Device LA2900 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ordering number : ENN6950A
N1501TN (OT)/51101RM (OT) No. 6950-1/5
Overview
The LA2900M is a 2-channel high-output line amplifier
IC developed for use in car audio systems. It can provide
significant improvements in the signal-to-noise ratio when
used to drive an external power amplifier due to its
significantly increased output voltage as compared to that
of earlier preamplifiers.
The high output of the LA2900M allows it to achieve a
high signal-to-noise ratio and excellent fidelity in audio
systems in which the main unit is connected to an external
amplifier, and can improve the performance of the power
amplifier in such systems.
Functions and Features
• High output level (5.3 V rms)
• Low output noise voltage (12 µV)
• Low total harmonic distortion (0.003%)
• High ripple rejection ratio (70 dB)
• Excellent audio fidelity
Package Dimensions
unit: mm
3036C-MFP20
1
20
10
11
12.5
0.15
1.27
0.35
(0.4)
SANYO: MFP20 (300mil)
[LA2900M]
LA2900M
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Two-Channel High-Output Line Amplifier
for Car Audio Systems
Monolithic Linear IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
With no input signal
12
V
Allowable power dissipation
Pd max
Ta
≤ 85°C, Mounted on a printed circuit board
400
mW
(114.3
× 76.1 × 1.6 mm3, glass epoxy)
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C


同様の部品番号 - LA2900

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA2901 SANYO-LA2901 Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2901V SANYO-LA2901V Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2902V SANYO-LA2902V Datasheet
62Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
logo
LIGITEK electronics co....
LA290B-G-PF LIGITEK-LA290B-G-PF Datasheet
120Kb / 6P
   LED ARRAY
LA290B-H-PF LIGITEK-LA290B-H-PF Datasheet
120Kb / 6P
   LED ARRAY
More results

同様の説明 - LA2900

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA2902V SANYO-LA2902V Datasheet
62Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2901V SANYO-LA2901V Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
logo
ON Semiconductor
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P Datasheet
290Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P_12 Datasheet
301Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47004P-E ONSEMI-LV47004P-E Datasheet
180Kb / 11P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com