データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA3370 データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LA3370
部品情報  PLL FM Multiplex Stereo Demodulator for Car Stereo
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3370 データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LA3370 Datasheet HTML 2Page - Sanyo Semicon Device LA3370 Datasheet HTML 3Page - Sanyo Semicon Device LA3370 Datasheet HTML 4Page - Sanyo Semicon Device LA3370 Datasheet HTML 5Page - Sanyo Semicon Device LA3370 Datasheet HTML 6Page - Sanyo Semicon Device LA3370 Datasheet HTML 7Page - Sanyo Semicon Device LA3370 Datasheet HTML 8Page - Sanyo Semicon Device LA3370 Datasheet HTML 9Page - Sanyo Semicon Device LA3370 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LA3370
No.619-6/11
(6) Using the HCC terminal for muting
Muting in the neighborhood of 37dB are feasible by utilizing HCC functions as muting functions when used in home
stereos and no need exists to suppress treble noises. Fade-in and fade-out of mutings, permitting delightful, shock-
noise-free muting are possible by providing a time constant to the pin 7 control.
(7) VCO damping
VCO oscillations can be damped by applying a voltage not less than 7V to the HCC terminal (pin 7) to enter a
monaural mode. At this time, both SNC and HCC are in an off mode. Fig. 9 shows flow-in current by voltages
applied to pin 7.
(8) Separation control terminal
Separation is controlled by controlling the main signal level.
The controllable separation (ratio of sub signal to main signal) range of the input composite signal is approximately
as follows :
Sub signal level
m=
Main signal level
(at peak level)
0.7<m<1.25
(9) For the application of LA1140 + LA3370 and its characteristics, refer to the catalog of the LA1140 (No. EN729).


同様の部品番号 - LA3370

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA3373 SANYO-LA3373 Datasheet
178Kb / 4P
   Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3373 SANYO-LA3373 Datasheet
136Kb / 1P
   PLL MULTIPLEX STEREO DEMODULATOR
LA3375 SANYO-LA3375 Datasheet
287Kb / 11P
   Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3376 SANYO-LA3376 Datasheet
290Kb / 12P
   Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
More results

同様の説明 - LA3370

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
   PLL FM Multiplex Stereo Demodulator
logo
Panasonic Semiconductor
AN7470 PANASONIC-AN7470 Datasheet
193Kb / 3P
   FM STEREO MULTIPLEX DEMODULATOR
logo
List of Unclassifed Man...
AN7410N ETC1-AN7410N Datasheet
349Kb / 3P
   FM STEREO MULTIPLEX DEMODULATOR
logo
Panasonic Semiconductor
AN7420N PANASONIC-AN7420N Datasheet
273Kb / 3P
   FM Stereo Multiplex Demodulator
AN7411 PANASONIC-AN7411 Datasheet
201Kb / 3P
   fM STEREO MULTIPLEX DEMODULATOR
logo
Fujitsu Component Limit...
MB4105 FUJITSU-MB4105 Datasheet
566Kb / 11P
   FM Stereo Multiplex Demodulator
logo
Sanyo Semicon Device
LA3350 SANYO-LA3350 Datasheet
136Kb / 1P
   PLL MULTIPLEX STEREO DEMODULATOR
logo
Panasonic Semiconductor
AN7465K-S PANASONIC-AN7465K-S Datasheet
334Kb / 9P
   FM NOISE CANCELLER/STEREO MULTIPLEX DEMODULATOR FOR CAR RADIO
logo
List of Unclassifed Man...
TA7413AP ETC-TA7413AP Datasheet
455Kb / 16P
   PLL FM STEREO MULTIPLEX
logo
Unisonic Technologies
TA7342P UTC-TA7342P Datasheet
131Kb / 3P
   PLL FM STEREO MULTIPLEX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com