データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N4416DCSM データシート(PDF) 2 Page - Seme LAB

部品番号 2N4416DCSM
部品情報  SMALL SIGNAL DUAL N?밅HANNEL J?밊ET IN A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4416DCSM データシート(HTML) 2 Page - Seme LAB

  2N4416DCSM Datasheet HTML 1Page - Seme LAB 2N4416DCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
mA
nA
pA
nA
pF
pF
nV
√Hz
Document Number 3292
Issue 1
2N4416DCSM
LAB
SEME
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
VDS = 0V
IG = –1µA
VDS = 15V
ID = 1nA
VDS = 15V
VGS = 0V
VGS = –15V
VDS = 0V
Tamb = 125°C
VDG = 10V
VGS = –10V
VDS = 10V
VGS = –6V
VGS = 0V
ID = 3mA
VGS = 0V
ID = 1mA
VGS = 0V
ID = 0mA
f = 1kHz
VDS = 15V
VGS = 0V
f = 1KHz
VDS = 15V
VGS =0V
f = 1MHz
VDG = 10V
VGS =0V
f = 1kHz
V(BR)GSS
Gate – Source Breakdown Voltage
VGSS(off)
Gate – Source Cut–off Voltage
IDSS*
Saturation Current
IGSS
Gate Reverse Current
ID(off)
Drain Cut–off Current
VDS(on)
Drain – Source On Voltage
RDS(on)
Drain – Source On Resistance
RDS(on)
Drain – Source On Resistance
CISS
Common – Source Input Capacitance
CRSS
Common – Source Reverse Transfer
Capacitance
en
Equivalent Input Noise Voltage
–30
–35
–3
–6
510
15
–1
–0.6
–200
100
2
0.25
0.4
150
150
2.2
0.7
6
STATIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS
* Pulse Test: PW
≤ 300 µs Duty Cycle ≤ 30%


同様の部品番号 - 2N4416DCSM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
2N4416 FAIRCHILD-2N4416 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
New Jersey Semi-Conduct...
2N4416 NJSEMI-2N4416 Datasheet
232Kb / 2P
   SILICON N-CHANNEL JUNCTION
logo
Calogic, LLC
2N4416 CALOGIC-2N4416 Datasheet
23Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Vishay Siliconix
2N4416 VISHAY-2N4416 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
logo
Micro Electronics
2N4416 MICRO-ELECTRONICS-2N4416 Datasheet
140Kb / 1P
   N-CHANNEL FET
More results

同様の説明 - 2N4416DCSM

メーカー部品番号データシート部品情報
logo
Seme LAB
2N4392CSM SEME-LAB-2N4392CSM_03 Datasheet
19Kb / 2P
   SMALL SIGNAL N?밅HANNEL J?밊ET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N4393CSM SEME-LAB-2N4393CSM_05 Datasheet
28Kb / 2P
   SMALL SIGNAL N?밅HANNEL J?밊ET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Leshan Radio Company
L2N7002KTT1G LRC-L2N7002KTT1G Datasheet
484Kb / 6P
   Small Signal MOSFET 380 mAmps, 60 Volts N?밅hannel
logo
Shenzhen Huazhimei Semi...
HM7002KDW HMSEMI-HM7002KDW Datasheet
986Kb / 6P
   Small Signal MOSFET380mAmps, 60 Volts N?밅hannel SOT-363
HM7002DW HMSEMI-HM7002DW Datasheet
1Mb / 6P
   Small Signal MOSFET115 mAmps, 60 Volts N?밅hannel SOT-363
logo
Leshan Radio Company
L2N7002KDW1T1G LRC-L2N7002KDW1T1G Datasheet
602Kb / 6P
   Small Signal MOSFET380 mAmps, 60 Volts N?밅hannel SC-88
L2N7002KWT1G LRC-L2N7002KWT1G Datasheet
505Kb / 6P
   Small Signal MOSFET380 mAmps, 60 Volts N?밅hannel SC-70
logo
Shanghai Leiditech Elec...
2N7002KL LEIDITECH-2N7002KL Datasheet
963Kb / 6P
   Small Signal MOSFET380 mAmps, 60 Volts N?밅hannel SOT-23
logo
Leshan Radio Company
L2N7002LT1G LRC-L2N7002LT1G_11 Datasheet
151Kb / 4P
   Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SOT??3
logo
WILLAS ELECTRONIC CORP
2N7002LT1 WILLAS-2N7002LT1 Datasheet
299Kb / 4P
   Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SOT??3
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com