データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N5038 データシート(PDF) 2 Page - Seme LAB

部品番号 2N5038
部品情報  Bipolar NPN Device in a Hermetically Sealed TO3
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5038 データシート(HTML) 2 Page - Seme LAB

  2N5038 Datasheet HTML 1Page - Seme LAB 2N5038 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5038
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be
both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab
encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 7365, ISSUE 1
ELECTRICAL CHARACTERISTICS (T
case=25°C unless otherwise stated)
Parameter
Test Conditions
Min. Typ. Max.
Unit
IC = 2A
50
250
hFE*
Forward-current transfer ratio
IC = 12A
VCE = 5.0V
20
100
IC = 12A
IB = 1.2A
1.0
VCE(sat)*
Collector to Emitter Saturation
Voltage
IC = 20A
IB = 5A
2.5
VBE(sat)*
Base to Emitter Saturated Voltage
IC = 20A
IB = 5A
3.3
V(BR)CEO*
Collector to Emitter Breakdown
Voltage
IC = 0.2A
90
IC = 0.2A
RBE = 100
V(BR)CEX*
Collector to Emitter Breakdown
Voltage
VBE = -1.5V
150
V
VCE = 140V
VBE = -1.5V
50
VCE = 100V
VBE = -1.5V
ICEV
Collector Cut-Off Current
TCase = 150°C
10
ICEO
Collector Cut-Off Current
VCE = 70V
IB = 0
20
VEB = 7V
50
IEBO
Emitter Cut-Off Current
VEB = 5V
IC = 0
5
mA
VBE*
Base-Emitter Voltage
VCE = 5.0V
IC = 12A
1.8
V
DYNAMIC CHARACTERISTICS
tr
Rise Time
VCC = 30V
IC=12A
0.5
ts
Storage Time
1.5
tf
Fall Time
IB1=-IB2=1.2A
0.5
µ
s
IE = 0
VCB = 10V
Cob
Output Capacitance
f = 1.0MHz
500
pF
IC = 2A
VCE = 10V
|hfe|
Small Signal Current Gain
f = 5MHz
12
* Pulse test tp = 300µs, δ < 2%
THERMAL CHARACTERISTICS
Max.
Unit
Rth j-case
Thermal resistance to case
1.25
°C/W


同様の部品番号 - 2N5038

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
   POWER TRANSISTORS(20A,140W)
logo
Inchange Semiconductor ...
2N5038 ISC-2N5038 Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N5038 ONSEMI-2N5038 Datasheet
124Kb / 4P
   NPN SILICON POWER TRANSISTORS
REV 7
2N5038 ONSEMI-2N5038 Datasheet
84Kb / 3P
   NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
logo
STMicroelectronics
2N5038 STMICROELECTRONICS-2N5038 Datasheet
64Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTOR
June 1997
More results

同様の説明 - 2N5038

メーカー部品番号データシート部品情報
logo
Seme LAB
2N5671 SEME-LAB-2N5671 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6274 SEME-LAB-2N6274 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6275 SEME-LAB-2N6275 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDW83D SEME-LAB-BDW83D Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6546 SEME-LAB-2N6546 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2S034 SEME-LAB-2S034 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDX67CECC SEME-LAB-BDX67CECC Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6545 SEME-LAB-2N6545 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDX87 SEME-LAB-BDX87 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BU128 SEME-LAB-BU128 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BUP47 SEME-LAB-BUP47 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com