データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA4182 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA4182
部品情報  2.3 W 2-Channel AF Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4182 データシート(HTML) 1 Page - Sanyo Semicon Device

  LA4182 Datasheet HTML 1Page - Sanyo Semicon Device LA4182 Datasheet HTML 2Page - Sanyo Semicon Device LA4182 Datasheet HTML 3Page - Sanyo Semicon Device LA4182 Datasheet HTML 4Page - Sanyo Semicon Device LA4182 Datasheet HTML 5Page - Sanyo Semicon Device LA4182 Datasheet HTML 6Page - Sanyo Semicon Device LA4182 Datasheet HTML 7Page - Sanyo Semicon Device LA4182 Datasheet HTML 8Page - Sanyo Semicon Device LA4182 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2.3 W 2-Channel AF Power Amplifier
Features
.
Built-in 2 channels enabling use in stereo and bridge
amplifier applications.
.
High output: 2.3 W/channel, VCC =9 V, RL =4 Ω, and
4.7 W/bridge, RL =8 Ω.
.
Minimum number of external parts required : 9 pcs. min.
(Stereo/bridge).
.
Small pop noise at the time of power supply ON/OFF due to
built-in muting circuit.
.
Good ripple rejection ratio due to built-in ripple filter.
.
Soft tone at the time of output saturation.
.
Good channel separation.
.
Voltage gain fixed at 45 dB (Bridge: 51 dB). Variable
voltage gain available with external resistor added.
.
Easy to design radiator fin.
Package Dimensions
unit : mm
3022A-DIP12F
[LA4182]
SANYO : DIP12F
Note) In general applications, heat generated in this package
can be radiated through the Cu-foiled area of the printed
circuit board, but since power dissipation Pd may be
increased depending on the supply voltage and load
conditions, it is recommended to use a fin additionally.
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
With signal
11
V
Quiescent
15
V
Allowable power dissipation
Pd max
With printed circuit board
(Refer to Pd-Ta characteristics)
4W
Operating temperature
Topr
−20 to +75
°C
Storage temperature
Tstg
−55 to +150
°C
Recommended Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
9V
Load resitance
RL
Stereo
4 to 8
Bridge
8
Ordering number: EN742G
Monolithic Linear IC
LA4182
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
41596HA(II)/O207KI/2146KI/4025KI/O291KI,TS No.742-1/9


同様の部品番号 - LA4182

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4182 SANYO-LA4182 Datasheet
56Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
More results

同様の説明 - LA4182

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4183 SANYO-LA4183 Datasheet
286Kb / 11P
   2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players
STK4211V SANYO-STK4211V Datasheet
58Kb / 3P
   2-Channel 70 W min AF Power Amplifier (Split Power Supply)
STK4221V SANYO-STK4221V Datasheet
58Kb / 3P
   2-Channel 80 W min AF Power Amplifier (Split Power Supply)
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
   8.5W 2-Channel AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
   2-Channel BTL AF Power Amplifier
LA4445 SANYO-LA4445 Datasheet
211Kb / 7P
   5.5W 2-Channel AF Power Amplifier
LA4500 SANYO-LA4500 Datasheet
629Kb / 12P
   5.3W 2-Channel AF Power Amplifier
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com