データシートサーチシステム |
|
BTB40-800BRG データシート(PDF) 1 Page - STMicroelectronics |
|
BTB40-800BRG データシート(HTML) 1 Page - STMicroelectronics |
1 / 9 page August 2009 Doc ID 7469 Rev 8 1/9 9 BTA40, BTA41, BTB41 40 A standard TRIACs Features ■ High current TRIAC ■ Low thermal resistance with clip bonding ■ High commutation capability ■ BTA series UL1557 certified (File ref: 81734) ■ Packages are RoHS (2002/95/EC) compliant Applications ■ On/off function in static relays, heating regulation, induction motor starting circuits ■ Phase control operations in light dimmers, motor speed controllers, and similar Description Available in high power packages, the BTA/BTB40-41 series is suitable for general purpose AC switching. The BTA series provides an insulated tab (rated at 2500 V rms). TOP3 insulated (BTA41) TOP3 (BTB41) RD91 insulated (BTA40) A2 A1 G G A2 A1 G A2 A2 A1 G A2 A1 Table 1. Device summary Symbol Parameter BTA40(1) 1. Insulated package BTA41(1) BTB41 Unit IT(RMS) On-state rms current 40 41 41 A VDRM/VRRM Repetitive peak off-state voltage 600 and 800 600 and 800 600 and 800 V IGT Triggering gate current 50 50 50 mA www.st.com |
同様の部品番号 - BTB40-800BRG |
|
同様の説明 - BTB40-800BRG |