データシートサーチシステム |
|
LD2985BXX データシート(PDF) 8 Page - STMicroelectronics |
|
LD2985BXX データシート(HTML) 8 Page - STMicroelectronics |
8 / 21 page Electrical characteristics LD2985Axx, LD2985Bxx 8/21 VIH Control input logic high TJ= -40 to 125°C 2 V IINH Control input current VINH = 5V, TJ= -40 to 125°C 5 15 µA VINH = 0V, TJ= -40 to 125°C 0 -1 eN Output noise voltage B = 300 Hz to 50 kHz, CBYP = 0.01µF, CO = 10µF 30 µV Table 5. Electrical characteristics for LD2985A (continued) (TJ = 25 °C, VI = VO + 1 V, IO = 50 mA, VSHDN = 2 V, CI = CO = 1 µF, unless otherwise specified). Symbol Parameter Test conditions Min. Typ. Max. Unit Table 6. Electrical characteristics for LD2985B (TJ = 25 °C, VI = VO + 1 V, IO = 50 mA, VSHDN = 2 V, CI = CO = 1 µF, unless otherwise specified). Symbol Parameter Test conditions Min. Typ. Max. Unit VOP Operating input voltage 2.5 16 V VO Output voltage VI = 2.5V 1.463 1.5 1.537 V IO = 1 to 150mA 1.455 1.545 IO = 1 to 150mA, TJ= -40 to 125°C 1.440 1.560 VO Output voltage VI = 2.8V 1.755 1.8 1.845 V IO = 1 to 150mA 1.746 1.854 IO = 1 to 150mA, TJ= -40 to 125°C 1.728 1.872 VO Output voltage VI = 3.5V 2.437 2.5 2.562 V IO = 1 to 150mA 2.425 2.575 IO = 1 to 150mA, TJ= -40 to 125°C 2.4 2.6 VO Output voltage VI = 3.5V 2.633 2.7 2.767 V IO = 1 to 150mA 2.619 2.781 IO = 1 to 150mA, TJ= -40 to 125°C 2.592 2.808 VO Output voltage VI = 3.8V 2.73 2.8 2.87 V IO = 1 to 150mA 2.716 2.884 IO = 1 to 150mA, TJ= -40 to 125°C 2.688 2.912 VO Output voltage VI = 3.85V 2.779 2.85 2.921 V IO = 1 to 150mA 2.764 2.935 IO = 1 to 150mA, TJ= -40 to 125°C 2.736 2.964 VO Output voltage VI = 4.0V 2.925 3.0 3.075 V IO = 1 to 150mA 2.91 3.09 IO = 1 to 150mA, TJ= -40 to 125°C 2.88 3.12 VO Output voltage VI = 4.1V 3.023 3.1 3.177 V IO = 1 to 150mA 3.007 3.193 IO = 1 to 150mA, TJ= -40 to 125°C 2.976 3.224 VO Output voltage VI = 4.2V 3.120 3.2 3.28 V IO = 1 to 150mA 3.104 3.296 IO = 1 to 150mA, TJ= -40 to 125°C 3.072 3.328 VO Output voltage VI = 4.3V 3.218 3.3 3.382 V IO = 1 to 150mA 3.201 3.399 IO = 1 to 150mA, TJ= -40 to 125°C 3.168 3.432 |
同様の部品番号 - LD2985BXX |
|
同様の説明 - LD2985BXX |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |