データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M4Z32-BR00SH データシート(PDF) 6 Page - STMicroelectronics

部品番号 M4Z32-BR00SH
部品情報  ZEROPOWER짰 SNAPHAT짰 (battery)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4Z32-BR00SH データシート(HTML) 6 Page - STMicroelectronics

Back Button M4Z32-BR00SH Datasheet HTML 2Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 3Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 4Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 5Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 6Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 7Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 8Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 9Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Mechanical information
M4Z28-BR00SH, M4Z32-BR00SH
6/16
2
Mechanical information
Electrical connection to the SOIC is made through two pins that connect to the press fitted
sockets at one end of the SOIC. Critical contact points between the pins and sockets are
gold-plated to resist oxidation. Internally, each socket contains six independent contact
fingers to form redundant connections between the two components. These sockets were
designed to provide high point contact force to provide the lowest possible contact
resistance. The SNAPHAT® top also incorporates four molded-in retaining clips which hold
onto the ends of the SOIC insuring mechanical and electrical connection even under severe
mechanical shock and vibration. The combined SOIC and SNAPHAT assembly can sustain
shock levels in excess of 100 g without separating. This package also passes variable
frequency testing in accordance with MIL-STD-883, method 2007.2, condition A.
Figure 2 illustrates the affect of repeated insertion and extraction of the SNAPHAT top to the
SOIC. The force required to extract the SNAPHAT, and then to re-insert it, reduces each
time. After four or five extractions, the reduction starts to become unnoticeable and the force
required remains at a fairly constant figure. Typically, though, the SNAPHAT will only need to
be extracted and re-inserted once in its lifetime.
Figure 2.
SNAPHAT® insertion/extraction forces
0
2.5
5
7.5
10
12.5
15
12
3
4
5
6
7
8
9
10
Number of Extractions
Average Insertion
Average Extraction
AI02526


同様の部品番号 - M4Z32-BR00SH

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
49Kb / 7P
   ZEROPOWER SNAPHAT Battery
November 1999
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
More results

同様の説明 - M4Z32-BR00SH

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_08 Datasheet
139Kb / 16P
   TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35AV STMICROELECTRONICS-M48Z35AV Datasheet
223Kb / 24P
   5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER짰 SRAM
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_11 Datasheet
343Kb / 22P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_10 Datasheet
335Kb / 21P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com