データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA4450 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA4450
部品情報  Two Channel Power IC for Bus or Track Use in TV and Home Audio Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4450 データシート(HTML) 1 Page - Sanyo Semicon Device

  LA4450 Datasheet HTML 1Page - Sanyo Semicon Device LA4450 Datasheet HTML 2Page - Sanyo Semicon Device LA4450 Datasheet HTML 3Page - Sanyo Semicon Device LA4450 Datasheet HTML 4Page - Sanyo Semicon Device LA4450 Datasheet HTML 5Page - Sanyo Semicon Device LA4450 Datasheet HTML 6Page - Sanyo Semicon Device LA4450 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Overview
The LA4450 is a single package two channel power IC
that supports an operating voltage of 26 V. It is partic-
ularly well suited for use as the bus or track power IC in
car stereo applications. Additionally, since the LA4450
can drive 4
Ω loads, it can be used effectively in high-
power high-end products. Furthermore, since it supports a
high operating voltage and has low distortion, it is also
optimal for use in TV and home audio products.
Functions
• Standby switch (active on high (+5 V) input)
• On-chip impulse noise protection circuit
• On-chip thermal protection circuit
• On-chip overvoltage and surge protection circuits
Features
• Two channels in a single package
•PO = 12 W × 2 (VCC = 26.4 V, RL = 8 Ω, THD = 10%)
•PO = 20 W × 2 (VCC = 26.4 V, RL = 4 Ω, THD = 10%)
• Can drive 4
Ω speakers
• Built-in standby switch
• Minimizes impulse noises
Package Dimensions
unit: mm
3023A-SIP14H
Specifications
Maximum Ratings at Ta = 25°C
Note: * Set VCC and RL within ranges that do not cause Pd max to exceed 25 W.
(When VCC is 37 V, RL should be 6 Ω or larger and when VCC is 35 V, RL should be 4 Ω or larger.)
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Rg = 0 (no signal)
37
V
Maximum output current
IO peak
4A
Allowable power dissipation
Pd max*
Infinite heat sink
25
W
Operating temperature
Topr
–35 to +80
°C
Storage temperature
Tstg
–40 to +150
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
26.4
V
Recommended load resistance
RL
8
Operating supply voltage range
VCCop
10 to 30
V
Monolithic Linear IC
Ordering number : EN4090C
LA4450
Two Channel Power IC for Bus or Track
Use in TV and Home Audio Applications
43098HA (OT)/10794TS B8-0618/1102 No. 4090-1/7
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
SANYO: SIP-14H
[LA4450]


同様の部品番号 - LA4450

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LA4450 ONSEMI-LA4450 Datasheet
134Kb / 8P
   Power Amplifier
July, 2013
LA4450-E ONSEMI-LA4450-E Datasheet
134Kb / 8P
   Power Amplifier
July, 2013
LA4450F-E ONSEMI-LA4450F-E Datasheet
134Kb / 8P
   Power Amplifier
July, 2013
LA4450L-E ONSEMI-LA4450L-E Datasheet
134Kb / 8P
   Power Amplifier
July, 2013
logo
Sanyo Semicon Device
LA4450 SANYO-LA4450_10 Datasheet
224Kb / 7P
   For Bus and Track in Car Stereo 2-Channel Power Amplifier
More results

同様の説明 - LA4450

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4282 SANYO-LA4282 Datasheet
151Kb / 6P
   2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
logo
Princeton Technology Co...
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
logo
Sanyo Semicon Device
LA4280 SANYO-LA4280 Datasheet
64Kb / 3P
   2-Channel 10W AF Power Amp for Home Stereo, TV Use
LA4450 SANYO-LA4450_10 Datasheet
224Kb / 7P
   For Bus and Track in Car Stereo 2-Channel Power Amplifier
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
logo
Sanyo Semicon Device
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com