データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3713 データシート(PDF) 1 Page - Seme LAB

部品番号 2N3713
部品情報  Bipolar NPN Device in a Hermetically sealed TO3
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3713 データシート(HTML) 1 Page - Seme LAB

  2N3713 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3713
Bipolar NPN Device.
V
CEO =
60V
I
C = 10A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
10
A
h
FE
@ 2/1 (V
CE / IC)
25
90
-
f
t
4M
Hz
P
D
150
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar NPN Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


同様の部品番号 - 2N3713

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
2N3713 MOSPEC-2N3713 Datasheet
125Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
Boca Semiconductor Corp...
2N3713 BOCA-2N3713 Datasheet
132Kb / 3P
   SILICON NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3713 ETC-2N3713 Datasheet
347Kb / 8P
   Power Transistors
logo
Comset Semiconductor
2N3713 COMSET-2N3713 Datasheet
178Kb / 5P
   EPITAXIAL-BASE NPN - PNP
logo
New Jersey Semi-Conduct...
2N3713 NJSEMI-2N3713 Datasheet
140Kb / 2P
   NPN SILICON POWER TRANSISTORS
More results

同様の説明 - 2N3713

メーカー部品番号データシート部品情報
logo
Seme LAB
2N5671 SEME-LAB-2N5671 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6274 SEME-LAB-2N6274 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6275 SEME-LAB-2N6275 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDW83D SEME-LAB-BDW83D Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6546 SEME-LAB-2N6546 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2S034 SEME-LAB-2S034 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDX67CECC SEME-LAB-BDX67CECC Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6545 SEME-LAB-2N6545 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDX87 SEME-LAB-BDX87 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BU128 SEME-LAB-BU128 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BUP47 SEME-LAB-BUP47 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com