データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA4598 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LA4598
部品情報  Two-channel Power Amplifier for Radio Cassette Players (No Heat Sink Needed during 9 V Operation)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4598 データシート(HTML) 3 Page - Sanyo Semicon Device

  LA4598 Datasheet HTML 1Page - Sanyo Semicon Device LA4598 Datasheet HTML 2Page - Sanyo Semicon Device LA4598 Datasheet HTML 3Page - Sanyo Semicon Device LA4598 Datasheet HTML 4Page - Sanyo Semicon Device LA4598 Datasheet HTML 5Page - Sanyo Semicon Device LA4598 Datasheet HTML 6Page - Sanyo Semicon Device LA4598 Datasheet HTML 7Page - Sanyo Semicon Device LA4598 Datasheet HTML 8Page - Sanyo Semicon Device LA4598 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Sample Application Circuit
Description of External Components
C1,C8: Bootstrap capacitors
These capacitors affect low-region output; if the capacitor value is reduced, the low-region output decreases. Therefore,
47 µF or more is desirable.
C2,C6: Output capacitors
If the capacitor value is reduced, low-region roll-off frequency fL and low-region Po worsen.
C3,C7: Oscillation blocking capacitors
Mylar capacitor, which is excellent in temperature characteristics and frequency characteristics is used.
C4:
Power supply capacitor
The capacitor values depends on the power supply line loads (motor, and the like.) and transformer ripple component.
1000 µF to 2200 µF is recommended.
C5:
Standby capacitor
Pop noise reduction capacitor
C9,C11: Feedback capacitors
In addition to affecting low-region roll-off frequency fL, if the capacitor value is increased, the start-up time is extended.
C10:
Decoupling capacitor
This capacitor absorbs power supply ripples; 220 µF is recommended.
R1,R2: Oscillation blocking resistors
The resistor value may be varied 3.3
Ω to 1.0 Ω.
Mylar capacitor
Unit (resistance:
Ω, capacitance:F)
To large signal GND
Mylar capacitor
C + R can be added to the negative side of the output capacitor.
However, this is true only for a Sanyo-recommended board; for a set board, artwork must also be
considered.
LA4598
No.4087-3/9


同様の部品番号 - LA4598

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
   1.5V Stereo Headphone Preamplifier and Power Amplifier?
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
More results

同様の説明 - LA4598

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4183 SANYO-LA4183 Datasheet
286Kb / 11P
   2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players
logo
Rohm
BA3924 ROHM-BA3924 Datasheet
173Kb / 12P
   Power supply for CD radio cassette players
BA3936 ROHM-BA3936 Datasheet
185Kb / 10P
   System power supply for CD radio cassette players
BA3940A ROHM-BA3940A Datasheet
99Kb / 7P
   System power supply for CD radio cassette players
BA3938 ROHM-BA3938 Datasheet
102Kb / 8P
   System power supply for CD radio cassette players
BA3870 ROHM-BA3870 Datasheet
199Kb / 14P
   BBS (bass boost system) for radio cassette players
logo
Sanyo Semicon Device
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LC7730 SANYO-LC7730 Datasheet
181Kb / 8P
   Timer(Radios and Radio cassette players)
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com