データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DLZ12 データシート(PDF) 1 Page - Sensitron

部品番号 DLZ12
部品情報  Transient Voltage Suppressor / Data Line Transient Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSITRON [Sensitron]
ホームページ  http://www.sensitron.com
Logo SENSITRON - Sensitron

DLZ12 データシート(HTML) 1 Page - Sensitron

  DLZ12 Datasheet HTML 1Page - Sensitron DLZ12 Datasheet HTML 2Page - Sensitron DLZ12 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2000 Sensitron Semiconductor
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX (631) 242 9798
• www.sensitron.com • sales@sensitron.com •
DLZ5 thru DLZ30
DLZ5A thru DLZ30A
DLZ8C thru DLZ30C
DLZ8CA thru DLZ30CA
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 563, REV. E
Transient Voltage Suppressor / Data Line Transient Suppressor
This series of TVS devices is packaged in a ceramic, dual in-line, hermetically sealed package. These
components offer 15 protective devices per package; unidirectional or bidirectional, common buss
connections. The dual in-line is designed for data line protection at the PC board level. TTL and MOS
voltages are available for protection of input/output data circuits.
FEATURES
♦ Unidirectional or Bidirectional
♦ Mil-Std-461 Compatible
♦ 1300W Peak Pulse Power (8/20μs)
♦ ESD Protection > 40KV
♦ Multiple TVS Array
♦ Dual In-Line, 16 PIN Hermetic Package
♦ μP / mP Compatible Package
♦ Voltage Range of 5V to 30V Available
♦ Common Buss Configuration
♦ Military Environment Capability
MAXIMUM RATINGS
Rating
Condition
Minimum
Maximum
Units
Peak Pulse Power Dissipation
@ 25
o, (8x20
μs)
-
1300
Watts
Clamping (tclamping)
0 Volts to V(BR)
- Unidirectional
- Bi-directional
-
< 1x10
–12
< 5x10
–9
Seconds
Operating & Storage Temp.
N/A
-55
+ 150
oC
Forward Surge Current
1/120 sec. @ 25
oC
(unidirectional)
-
10
Amps
MECHANICAL CHARACTERISTICS
♦ Hermetically sealed package
♦ Case: Ceramic, 16 pin dual in-line (.300” row spacing)
♦ Polarity: Pin No. 1 marked with a flag on lead and a dot on top of package.
Body marked with type number.
♦ Weight: 3.5 grams (approx.)
SCREENING
Standard Catalog Screening
Option H1: 100% JANTX Screening
Option H2: 100% JANTX Screening with Group B testing


同様の部品番号 - DLZ12

メーカー部品番号データシート部品情報
logo
Sensitron
DLZ12 SENSITRON-DLZ12 Datasheet
69Kb / 4P
   Transient Voltage Suppressor
DLZ12A SENSITRON-DLZ12A Datasheet
69Kb / 4P
   Transient Voltage Suppressor
logo
Micro Commercial Compon...
DLZ12A MCC-DLZ12A Datasheet
224Kb / 4P
   500 mW Zener Diode 3.46 to 38.52 Volts
DLZ12B MCC-DLZ12B Datasheet
397Kb / 2P
   500 mW Zener Diode 3.725 to 36.275 Volts
DLZ12B MCC-DLZ12B Datasheet
224Kb / 4P
   500 mW Zener Diode 3.46 to 38.52 Volts
More results

同様の説明 - DLZ12

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
DLTS-5 MICROSEMI-DLTS-5 Datasheet
76Kb / 2P
   DATA LINE TRANSIENT SUPPRESSOR
DLTS-5 MICROSEMI-DLTS-5_09 Datasheet
95Kb / 3P
   DATA LINE TRANSIENT SUPPRESSOR
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com