データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD200SD15C データシート(PDF) 1 Page - Sensitron

部品番号 SD200SD15C
部品情報  SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSITRON [Sensitron]
ホームページ  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD200SD15C データシート(HTML) 1 Page - Sensitron

  SD200SD15C Datasheet HTML 1Page - Sensitron SD200SD15C Datasheet HTML 2Page - Sensitron SD200SD15C Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SEMICONDUCTOR
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SD200SD15A/B/C
Technical Data
Data Sheet 4940, Rev. A
SILICON SCHOTTKY RECTIFIER DIE
Extremely Low Forward Voltage Drop
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after Packaging
Maximum Ratings
(1):
Electrical Characteristics
(1):
(1) in SHD package
Technical Data
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
15
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
60
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
860
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 °C, IAS = 12 A,
L = 0.75 mH
54
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1 μs
ƒ limited by T
J max VA=1.5VR
12
A
Max. Junction Temperature
TJ
-
-65 to +100
°C
Max. Storage Temperature
Tstg
-
-65 to +100
°C
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 60A, Pulse, TJ = 25 °C
0.41
V
VF2
@ 60A, Pulse, TJ = 100 °C
0.37
V
Max. Reverse Current
IR1
@VR = 15V, Pulse,
TJ = 25 °C
20
mA
IR2
@VR = 15V, Pulse,
TJ = 100 °C
1000
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
3600
pF


同様の部品番号 - SD200SD15C

メーカー部品番号データシート部品情報
logo
Sensitron
SD200SD15C SENSITRON-SD200SD15C Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
More results

同様の説明 - SD200SD15C

メーカー部品番号データシート部品情報
logo
Sensitron
SD125SD15A SENSITRON-SD125SD15A Datasheet
187Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD060SD15A SENSITRON-SD060SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD125SE45A SENSITRON-SD125SE45A Datasheet
187Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD125SE30A SENSITRON-SD125SE30A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD175SD15A SENSITRON-SD175SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD040SD15A SENSITRON-SD040SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SHD116222 SENSITRON-SHD116222 Datasheet
165Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD040SE45A SENSITRON-SD040SE45A Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD200SE45A SENSITRON-SD200SE45A Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD090SD15A SENSITRON-SD090SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD175SE45A SENSITRON-SD175SE45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com