データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA4743A データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LA4743A
部品情報  45 W Four-Channel (Bridge Circuit) Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4743A データシート(HTML) 3 Page - Sanyo Semicon Device

  LA4743A Datasheet HTML 1Page - Sanyo Semicon Device LA4743A Datasheet HTML 2Page - Sanyo Semicon Device LA4743A Datasheet HTML 3Page - Sanyo Semicon Device LA4743A Datasheet HTML 4Page - Sanyo Semicon Device LA4743A Datasheet HTML 5Page - Sanyo Semicon Device LA4743A Datasheet HTML 6Page - Sanyo Semicon Device LA4743A Datasheet HTML 7Page - Sanyo Semicon Device LA4743A Datasheet HTML 8Page - Sanyo Semicon Device LA4743A Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
No. 6629-3/9
LA4743A
Sample Application Circuit and Block Diagram
9
11
6
20
7
1
8
5
3
12
2
4
22
10
17
15
19
25
N.C
18
13
21
23
14
24
16
Top view
OUT 1
+
VCC1/2
VCC3/4
OUT 1
PWR GND 1
OUT 2
+
OUT 2
PWR GND 2
Mute
OUT 3
+
OUT 3
PWR GND 3
10 k
OUT 4
+
OUT 4
PWR GND 4
+
+
IN 1
0.22
µF
IN 2
0.22
µF
3.3
µF
0.022
µF
IN 3
ST BY
0.22
µF
IN 4
0.22
µF
47
µF
R.F
+
2200
µF
+
22
µF
PRE GND
ON TIME C
+
+
+
+
+
+
+
+
TAB
Protective
Circuit
Standby
Switch
Ripple
Filter
Mute
Circuit
Low Level
Mute ON
Muting &
ON Time Control
Circuit
Protective
Circuit
A13496
+5 V
ST ON


同様の部品番号 - LA4743A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4743 SANYO-LA4743 Datasheet
87Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4743B SANYO-LA4743B Datasheet
87Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
More results

同様の説明 - LA4743A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4743B SANYO-LA4743B Datasheet
87Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4742 SANYO-LA4742 Datasheet
106Kb / 9P
   45 W Four-Channel Bridge Circuit Power Amplifier
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
   Four-Channel 45 W BTL Car Audio Power Amplifier
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
   4 x 45 W Quad bridge car radio amplifier
logo
STMicroelectronics
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
   4 x 45 W quad bridge car radio amplifier
logo
List of Unclassifed Man...
CD7377CZ ETC2-CD7377CZ Datasheet
374Kb / 8P
   7W×4 four-channel audio power amplifier circuit Version
S-2012-04-A
logo
STMicroelectronics
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
   45 W 45 W dual BTL class-D audio amplifier
November 2014 Rev 1
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com