データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA4801 データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LA4801
部品情報  Headphone Stereo Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4801 データシート(HTML) 5 Page - Sanyo Semicon Device

  LA4801 Datasheet HTML 1Page - Sanyo Semicon Device LA4801 Datasheet HTML 2Page - Sanyo Semicon Device LA4801 Datasheet HTML 3Page - Sanyo Semicon Device LA4801 Datasheet HTML 4Page - Sanyo Semicon Device LA4801 Datasheet HTML 5Page - Sanyo Semicon Device LA4801 Datasheet HTML 6Page - Sanyo Semicon Device LA4801 Datasheet HTML 7Page - Sanyo Semicon Device LA4801 Datasheet HTML 8Page - Sanyo Semicon Device LA4801 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
No. 6146-5/10
LA4801V
PW A
PWC
PWB
1
2
3
4
5
6
7
8
PW SW
16
9
15
14
13
12
11
10
MT SW
RIPPLE
FILTER
VREF
BIAS
PW SW
IN A
IN B
VREF
PRE GND
VREFCONT
RF OUT
MUTE SW
OUT A
OUT C
OUT B
PWR GND
RF CONT
VCC 2
Top view
Vcc 1
Vcc 1
Vcc 2
Vcc 2
ON
OFF
ON
OFF
4.7
3.3
100k
1
ON
OFF
0.15
220
4.3
VR
VR
2
4.3
0.33
µF
µF
µF
µF
µF
µF
µF
µF
0.15
4.7
VREF
C1
1
µF
1
µF
C2
C9
C3
C4
C5
C11
R4
R3
C10
R2
R1
C8
C7
C6
VCC 1
PWR C
CONT
Sample Application Circuit


同様の部品番号 - LA4801

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4800 SANYO-LA4800 Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4802 SANYO-LA4802 Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
LA4805 SANYO-LA4805 Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
More results

同様の説明 - LA4801

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com