データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA5314 データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LA5314
部品情報  Variable Divided Voltage Generator for LCD Use
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5314 データシート(HTML) 4 Page - Sanyo Semicon Device

  LA5314 Datasheet HTML 1Page - Sanyo Semicon Device LA5314 Datasheet HTML 2Page - Sanyo Semicon Device LA5314 Datasheet HTML 3Page - Sanyo Semicon Device LA5314 Datasheet HTML 4Page - Sanyo Semicon Device LA5314 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Maximum Output Current Load Test Conditions
Output load resistances R1 to R10 are set in order that current of 30 mA max. are supplied to both source and sink sides when an
on-level input is applied to the inputs 1 or 2.
Input 2
Input 1
Unit (resistance:
Ω, capacitance: F)
VCC –VEE =20V,RX =8R
C1=5µF, C2=10µF, C3=10µF, C4=5µF, C5=10µF, C6=33µF
TR1 to TR5:
2SA984 E or F rank
TR6 to TR11: 2SC2274 E or F rank
Input 1
Input 2
LA5314
No.5376-4/5


同様の部品番号 - LA5314

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5310M SANYO-LA5310M Datasheet
59Kb / 3P
   Voltage Drivider for LCD Applications
LA5310M SANYO-LA5310M Datasheet
39Kb / 1P
   COMPACT DC MOTOR SPEED CONTROLLER
LA5311 SANYO-LA5311 Datasheet
46Kb / 2P
   Variable Drivided Voltage Generator for LCD
LA5311M SANYO-LA5311M Datasheet
46Kb / 2P
   Variable Drivided Voltage Generator for LCD
LA5312V SANYO-LA5312V Datasheet
71Kb / 5P
   Variable Divided Voltage Generator for LCDs
More results

同様の説明 - LA5314

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5318M SANYO-LA5318M Datasheet
95Kb / 4P
   Variable Divided Voltage Generator for LCD Use?
LA5315M SANYO-LA5315M Datasheet
94Kb / 4P
   Variable Divided Voltage Generator for LCD Use
LA5317M SANYO-LA5317M Datasheet
84Kb / 4P
   Variable Divided Voltage Generator for LCD Use?
LA5316M SANYO-LA5316M Datasheet
106Kb / 5P
   Variable Divided Voltage Generator for LCD
LA5312V SANYO-LA5312V Datasheet
71Kb / 5P
   Variable Divided Voltage Generator for LCDs
LA5311M SANYO-LA5311M Datasheet
46Kb / 2P
   Variable Drivided Voltage Generator for LCD
logo
New Japan Radio
NJM2366 NJRC-NJM2366 Datasheet
179Kb / 4P
   ADJUSTABLE DIVIDED VOLTAGE GENERATOR
logo
Burr-Brown (TI)
BUF12800 BURR-BROWN-BUF12800 Datasheet
282Kb / 20P
   REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
logo
Sanyo Semicon Device
LA5318V SANYO-LA5318V Datasheet
89Kb / 4P
   Voltage-Dividing Voltage Generator for Multi-Voltage LCD Matrix Drive
logo
Sony Corporation
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com