データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCY79C データシート(PDF) 1 Page - Seme LAB

部品番号 BCY79C
部品情報  Bipolar PNP Device in a Hermetically sealed TO18
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY79C データシート(HTML) 1 Page - Seme LAB

  BCY79C Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCY79C
Bipolar PNP Device.
V
CEO =
45V
I
C = 0.2A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
45
V
I
C(CONT)
0.2
A
h
FE
@ 1/10m (V
CE / IC)
250
460
-
f
t
180M
Hz
P
D
0.39
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
TO18 (TO206AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector
Bipolar PNP Device in a
Hermetically sealed TO18
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


同様の部品番号 - BCY79C

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCY79 PHILIPS-BCY79 Datasheet
54Kb / 8P
   PNP switching transistors
1997 Jun 18
logo
Central Semiconductor C...
BCY79 CENTRAL-BCY79 Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Comset Semiconductor
BCY79 COMSET-BCY79 Datasheet
250Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY79 COMSET-BCY79 Datasheet
156Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
BCY79 CDIL-BCY79 Datasheet
85Kb / 5P
   PNP SILICON PLANAR TRANSISTORS
More results

同様の説明 - BCY79C

メーカー部品番号データシート部品情報
logo
Seme LAB
2N2412X SEME-LAB-2N2412X Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3250A SEME-LAB-2N3250A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
BC477B SEME-LAB-BC477B Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3962 SEME-LAB-2N3962 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3251 SEME-LAB-2N3251 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
BSX36 SEME-LAB-BSX36 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
BC478A SEME-LAB-BC478A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N2411X SEME-LAB-2N2411X Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3965 SEME-LAB-2N3965 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3250X SEME-LAB-2N3250X Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N869A SEME-LAB-2N869A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com