データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA5692D データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA5692D
部品情報  Voltage Regulator Driver with Watchdog Timer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5692D データシート(HTML) 1 Page - Sanyo Semicon Device

  LA5692D Datasheet HTML 1Page - Sanyo Semicon Device LA5692D Datasheet HTML 2Page - Sanyo Semicon Device LA5692D Datasheet HTML 3Page - Sanyo Semicon Device LA5692D Datasheet HTML 4Page - Sanyo Semicon Device LA5692D Datasheet HTML 5Page - Sanyo Semicon Device LA5692D Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LA5692D, 5692S, 5692M
Ordering number : EN2770B
Voltage Regulator Driver
with Watchdog Timer
Monolithic Linear IC
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
D0597HA (KT)/8099YT/8037TA, TS No.2770-1/6
Overview
The LA5692 is a single-chip voltage regulator for
microcomputer system monitor use that performs the
functions of 5V output voltage control, watchdog timer,
and voltage detector. Since the LA5692 can hold the reset
output, it is especially suited for use in peripheral control
and monitor output applications (example : valves used in
refrigeration equipment, hot water supply system).
Applications
• Microcomputer system for car equipment, refrigeration/
heating equipment, office automation equipment.
Functions
• Output voltage 5V control.
• Watchdog timer.
• Reset generation at power-ON mode.
• Reset hold output [RES (2)] (Cleared with CK reinput).
Features
• An external PNP transistor can be used to provide a low-
saturation voltage regulator.
• CK input with edge detector.
• Variable detection voltage.
• The watchdog time can be made longer.
Package Dimensions
unit: mm
3001B-DIP8
[LA5692D]
SANYO : DIP8
1
4
8
5
9.4
0.89
2.54
1.4
0.5
unit: mm
3017B-SIP9
[LA5692S]
SANYO : SIP9
0.99
0.25
1.35
3.0
22.3
1.5
2.54
1.3
0.5
1
9
unit: mm
3032B-MFP8
[LA5692M]
SANYO : MFP8
1
8
4
5
0.645
1.27
0.35
5.1
0.15


同様の部品番号 - LA5692D

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5690S SANYO-LA5690S Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
LA5691S SANYO-LA5691S Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
More results

同様の説明 - LA5692D

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D_08 Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
Sanyo Semicon Device
LA5693MD SANYO-LA5693MD Datasheet
283Kb / 7P
   Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
logo
Toshiba Semiconductor
TA8005S TOSHIBA-TA8005S Datasheet
293Kb / 9P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8042F TOSHIBA-TA8042F Datasheet
389Kb / 6P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com