データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA6458M データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA6458M
部品情報  High-Performance Dual Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6458M データシート(HTML) 1 Page - Sanyo Semicon Device

  LA6458M Datasheet HTML 1Page - Sanyo Semicon Device LA6458M Datasheet HTML 2Page - Sanyo Semicon Device LA6458M Datasheet HTML 3Page - Sanyo Semicon Device LA6458M Datasheet HTML 4Page - Sanyo Semicon Device LA6458M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High-Performance
Dual Operational Amplifiers
Overview
The LA6458 consists of two independent, internally phase
compensated operational amplifiers. Application areas include
active filters, audio preamplifiers, and various electronic
circuits.
Features
.
LA6458M : 8-pin MFP package,
LA6458S : 9-pin SIP package
.
Phase compensation circuit built in.
.
High gain, low noise.
.
Slew rate : l.1V/µs typ.
Package Dimensions
unit : mm
3032B-MFP8
[LA6458M]
SANYO : MFP8
unit : mm
3017C-SIP9
[LA6458S]
SANYO : SIP9
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC/VEE
±18
V
Differential input voltage
VID
±30
V
Common-mode input voltage
VIN
±15
V
Allowable power dissipation
Pd max
LA6458M
300
mW
LA6458S
500
mW
Operating temperature
Topr
−20 to +75
°C
Storage temperature
Tstg
−40 to +125
°C
Ordering number: EN911D
Monolithic Linear IC
LA6458M, 6458S
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
63096HA(II)/1100YT/8237KI/8064KI/O064KI,TS No.911-1/5


同様の部品番号 - LA6458M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA6458D SANYO-LA6458D Datasheet
160Kb / 4P
   High-Performance Dual Operational Amplifiers
LA6458S SANYO-LA6458S Datasheet
160Kb / 4P
   High-Performance Dual Operational Amplifiers
More results

同様の説明 - LA6458M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
   DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6458D SANYO-LA6458D Datasheet
160Kb / 4P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
136Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N Datasheet
108Kb / 4P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204 Datasheet
141Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
April 1998
MC1458ID STMICROELECTRONICS-MC1458ID Datasheet
142Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_12 Datasheet
92Kb / 7P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
MC1458IN STMICROELECTRONICS-MC1458IN Datasheet
142Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com