データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA6523 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA6523
部品情報  3-Output Power Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6523 データシート(HTML) 1 Page - Sanyo Semicon Device

  LA6523 Datasheet HTML 1Page - Sanyo Semicon Device LA6523 Datasheet HTML 2Page - Sanyo Semicon Device LA6523 Datasheet HTML 3Page - Sanyo Semicon Device LA6523 Datasheet HTML 4Page - Sanyo Semicon Device LA6523 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3-Output Power Operational Amplifier
Overview
The LA6523 is a 3-output power operational amplifier IC
developed for widespread use in consumer and industrial
applications.
Features and Functions
.
High output current (Io max = 0.5 A)
.
High gain
.
Current limiter
.
Wide operating supply voltage (
±2to ±18 V)
.
Single supply operation possible (4 to 36 V)
.
Mute circuit (active low)
.
Thermal shutdown circuit built-in
Package Dimensions
unit : mm
3022A-DIP12F
[LA6523]
SANYO : DIP12F
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC/VEE
±18
V
Differential input voltage
VID
30
V
Input common-mode voltage
VIN
±15
V
Allowable power dissipation
Pd max
1.9
W
Operating temperature
Topr
–20 to + 75
°C
Storage temperature
Tstg
–55 to + 150
°C
Operating Condition at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating supply voltage
VCC/VEE
±2to ±16
V
Ordering number: EN4959A
Monolithic Linear IC
LA6523
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
83096HA(II)/61995TH(ID) No.4959-1/5


同様の部品番号 - LA6523

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA6520 SANYO-LA6520 Datasheet
34Kb / 2P
   3-Output Power Operational Amplifier
LA6524 SANYO-LA6524 Datasheet
74Kb / 4P
   4-output Power Driver
LA6525M SANYO-LA6525M Datasheet
113Kb / 5P
   Four-channel Bridge Driver for Compact Dise Players
LA6529M SANYO-LA6529M Datasheet
75Kb / 4P
   CD-ROM Drive Three-Channel Bridge BTL Driver
More results

同様の説明 - LA6523

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA6520 SANYO-LA6520 Datasheet
34Kb / 2P
   3-Output Power Operational Amplifier
LA6517 SANYO-LA6517 Datasheet
120Kb / 5P
   2-Output Power Operational Amplifier
LA6540M SANYO-LA6540M Datasheet
76Kb / 4P
   4-output Power Operational Amplifier
logo
Texas Instruments
TLE2301 TI-TLE2301_15 Datasheet
320Kb / 23P
[Old version datasheet]   EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
TLE2301 TI-TLE2301 Datasheet
324Kb / 22P
[Old version datasheet]   EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8922A SGMICRO-SGM8922A Datasheet
324Kb / 10P
   Output Operational Amplifier
SGM8922A SGMICRO-SGM8922A_16 Datasheet
328Kb / 10P
   Output Operational Amplifier
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_V01 Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
logo
SG Micro Corp
SGM8048 SGMICRO-SGM8048 Datasheet
338Kb / 10P
   Input/Output Operational Amplifier
SGM8046 SGMICRO-SGM8046 Datasheet
340Kb / 10P
   Input/Output Operational Amplifier
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com