データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC1G00W5-7 データシート(PDF) 9 Page - Diodes Incorporated

部品番号 74LVC1G00W5-7
部品情報  SINGLE 2 INPUT POSITIVE NAND GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G00W5-7 データシート(HTML) 9 Page - Diodes Incorporated

Back Button 74LVC1G00W5-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 12Page - Diodes Incorporated 74LVC1G00W5-7 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74LVC1G00
SINGLE 2 INPUT POSITIVE NAND GATE
74LVC1G00
Document number: DS32196 Rev. 2 - 2
9 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Ordering Information
74LVC1G 00 XXX - 7
W5 : SOT25
Function
Package
7 : Tape & Reel
Packing
00 : 2-Input
NAND-Gate
SE : SOT353
Logic Device
74 : Logic Prefix
LVC : 1.65 to 5.5V
Family
1G : One gate
FZ4 : DFN1410
Device
Package
Code
Packaging
(Note 6)
7” Tape and Reel
Quantity
Part Number Suffix
74LVC1G00W5-7
W5
SOT25
3000/Tape & Reel
-7
74LVC1G00SE-7
SE
SOT353
3000/Tape & Reel
-7
74LVC1G00FZ4-7
FZ4
DFN1410
5000/Tape & Reel
-7
Notes:
6. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


同様の部品番号 - 74LVC1G00W5-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74LVC1G00W5-7 DIODES-74LVC1G00W5-7 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 1 - 2
More results

同様の説明 - 74LVC1G00W5-7

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com