データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA6541D データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LA6541D
部品情報  4-channel Bridge Driver for Compact Discs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6541D データシート(HTML) 2 Page - Sanyo Semicon Device

  LA6541D Datasheet HTML 1Page - Sanyo Semicon Device LA6541D Datasheet HTML 2Page - Sanyo Semicon Device LA6541D Datasheet HTML 3Page - Sanyo Semicon Device LA6541D Datasheet HTML 4Page - Sanyo Semicon Device LA6541D Datasheet HTML 5Page - Sanyo Semicon Device LA6541D Datasheet HTML 6Page - Sanyo Semicon Device LA6541D Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics at Ta = 25°C, VCC = 8.0 V, VREF =4 V
Parameter
Symbol
Conditions
min
typ
max
Unit
No-load current drain
ICC1
When all amplifier outputs are on (Mute high)
20
40
mA
ICC2
When all amplifier outputs are off (Mute low)
15
35
mA
Output offset voltage
VOF1
Amplifier 1 to 2 (VO1toVO2),
Amplifier 3 to 4 (VO3toVO4)
–50
50
mV
VOF2
Amplifier 5 to 6 (VO5toVO6),
Amplifier 7 to 8 (VO7toVO8)
–50
50
mV
Buffer amplifier input voltage
range
VBIN
1.5
VCC−1.5
V
Input voltage range
VIN
1.0
VCC−1.5
V
Output source voltage
VO1
Note 1, when RL = 8.0 Ω
5.0
5.6
V
Output sink voltage
VO2
Note 2, when RL = 8.0 Ω
1.8
2.4
V
Closed-circuit voltage gain
VG
Between bridge amplifiers
9
dB
Slew rate
SR
0.15
V/µs
Mute on voltage
VMute
Note 3
1.2
V
[Power Supply] (with 2SK632K connected externally)
Output voltage
VOUT1IO = 200 mA
4.75
5.0
5.25
V
Line regulation
∆VOLN1
5.6
% VIN1 % 12 V
20
100
mV
Load regulation
∆VOLD15 mA % IO % 200 mA
50
150
mV
[Reset]
High reset output voltage
VORH
IORH = 200 µA, Cd pin open
4.73
4.98
5.23
V
Low reset output voltage
VORL
ISRL = 2 mA, Cd is shorted to GND
100
200
mV
Reset threshold voltage
VRT
Note 4
4.3
V
Reset hysteresis voltage
Vhys
Note 5
40
100
200
mV
Reset output delay time
td
Cd = 0.1 µF
10
ms
Notes:
1.
Source voltage to ground when an 8
Ω load is connected between bridge amplifier outputs.
2.
Sink voltage to ground when an 8
Ω load is connected between bridge amplifier outputs.
3.
When the mute signal is high, all amplifier outputs turn on, and when low, all amplifier outputs turn off. When the mute
signal is low, amplifier output is undefined.
4.
5 V supply voltage when the reset output goes low.
5.
Potential difference from the 5 V supply voltage when the reset output goes low and when it goes high.
Ambient temperature, Ta – °C
Pd max – Ta
Independent IC
LA6541D
No. 5591- 2/7


同様の部品番号 - LA6541D

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA6541 SANYO-LA6541 Datasheet
91Kb / 6P
   4-channel Bridge Driver for Compact Discs
LA6541ND SANYO-LA6541ND Datasheet
78Kb / 9P
   Monolithic Linear IC For CD Players and Recorders Four-Channel Driver IC
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
   For CD Players and Recorders Four-Channel Driver IC
More results

同様の説明 - LA6541D

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA6541 SANYO-LA6541 Datasheet
91Kb / 6P
   4-channel Bridge Driver for Compact Discs
LA6525M SANYO-LA6525M Datasheet
113Kb / 5P
   Four-channel Bridge Driver for Compact Dise Players
LA6536M SANYO-LA6536M Datasheet
90Kb / 5P
   Four-channel Bridge Driver for Compact Dise Players?
LA6535M SANYO-LA6535M Datasheet
89Kb / 5P
   Four-channel Bridge Driver for Compact Dise Players?
LA6242H SANYO-LA6242H_09 Datasheet
159Kb / 9P
   For CD Player 4-channel Bridge (BTL) Driver
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6542M SANYO-LA6542M Datasheet
73Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6543M SANYO-LA6543M Datasheet
75Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6537 SANYO-LA6537 Datasheet
93Kb / 4P
   4-channel Bridge Driver for CD and CD-ROMs
LA6537M SANYO-LA6537M Datasheet
110Kb / 4P
   4-channel Bridge Driver for CD and CD-ROMs
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com