データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA6541D データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LA6541D
部品情報  4-channel Bridge Driver for Compact Discs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6541D データシート(HTML) 3 Page - Sanyo Semicon Device

  LA6541D Datasheet HTML 1Page - Sanyo Semicon Device LA6541D Datasheet HTML 2Page - Sanyo Semicon Device LA6541D Datasheet HTML 3Page - Sanyo Semicon Device LA6541D Datasheet HTML 4Page - Sanyo Semicon Device LA6541D Datasheet HTML 5Page - Sanyo Semicon Device LA6541D Datasheet HTML 6Page - Sanyo Semicon Device LA6541D Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pin Functions
Pin No.
Pin Name
Description (Function)
1VCC
Power supply (shorted with pin 30)
2
Mute
ON/OFF control for all BTL AMP outputs
3VIN1
BTL AMP 1 input
4
VG1
BTL AMP 1 input (for gain control)
5VO1
BTL AMP 1 output (non-inverting side)
6VO2
BTL AMP 1 output (inverting side)
7
GND
GND (minimum electric potential)
8
GND
GND (minimum electric potential)
9
GND
GND (minimum electric potential)
10
VO3
BTL AMP 2 output (inverting side)
11
VO4
BTL AMP 2 output (non-inverting side)
12
VG2
BTL AMP 2 input (for gain control)
13
VIN2
BTL AMP 2 input
14
REG OUT
Connection for collector of external transistor (PNP); 5 V supply output
15
REG IN
Connection for base of external transistor (PNP)
16
RES
Reset output
17
CD
Reset output delay time setting (with capacitor)
18
VIN3
BTL AMP 3 input
19
VG3
BTL AMP 3 input (for gain control)
20
VO5
BTL AMP 3 output (non-inverting side)
21
VO6
BTL AMP 3 output (inverting side)
22
GND
GND (minimum electric potential)
23
GND
GND (minimum electric potential)
24
GND
GND (minimum electric potential)
25
VO7
BTL AMP 4 output (inverting side)
26
VO8
BTL AMP 4 output (non-inverting side)
27
VG4
BTL AMP 4 input (for gain control)
28
VIN4
BTL AMP 4 input
29
VREF
Reference voltage input for level shift circuit
30
VCC
Power supply (shorted with pin 1)
LA6541D
No. 5591- 3/7


同様の部品番号 - LA6541D

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA6541 SANYO-LA6541 Datasheet
91Kb / 6P
   4-channel Bridge Driver for Compact Discs
LA6541ND SANYO-LA6541ND Datasheet
78Kb / 9P
   Monolithic Linear IC For CD Players and Recorders Four-Channel Driver IC
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
   For CD Players and Recorders Four-Channel Driver IC
More results

同様の説明 - LA6541D

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA6541 SANYO-LA6541 Datasheet
91Kb / 6P
   4-channel Bridge Driver for Compact Discs
LA6525M SANYO-LA6525M Datasheet
113Kb / 5P
   Four-channel Bridge Driver for Compact Dise Players
LA6536M SANYO-LA6536M Datasheet
90Kb / 5P
   Four-channel Bridge Driver for Compact Dise Players?
LA6535M SANYO-LA6535M Datasheet
89Kb / 5P
   Four-channel Bridge Driver for Compact Dise Players?
LA6242H SANYO-LA6242H_09 Datasheet
159Kb / 9P
   For CD Player 4-channel Bridge (BTL) Driver
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6542M SANYO-LA6542M Datasheet
73Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6543M SANYO-LA6543M Datasheet
75Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6537 SANYO-LA6537 Datasheet
93Kb / 4P
   4-channel Bridge Driver for CD and CD-ROMs
LA6537M SANYO-LA6537M Datasheet
110Kb / 4P
   4-channel Bridge Driver for CD and CD-ROMs
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com