データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC1G125 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 74LVC1G125
部品情報  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G125 データシート(HTML) 1 Page - Diodes Incorporated

  74LVC1G125 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G125 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G125 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G125 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G125 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G125 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G125 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G125 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G125 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74LVC1G125
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125
Document number: DS32202 Rev. 2 - 2
1 of 14
www.diodes.com
October 2010
© Diodes Incorporated
Description
The 74LVC1G125 is a single non-inverting buffer/bus driver
with a 3-state output. The output enters a high impedance
state when a HIGH-level is applied to the output enable (OE)
pin. The device is designed for operation with a power supply
range of 1.65V to 5.5V.
The inputs are tolerant to 5.5V
allowing this device to be used in a mixed voltage
environment. The device is fully specified for partial power
down applications using IOFF. The IOFF circuitry disables the
output preventing damaging current backflow when the device
is powered down.
Features
Wide Supply Voltage Range from 1.65 to 5.5V
± 24mA Output Drive at 3.3V
CMOS low power consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs accept up to 5.5V
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115-A)
Exceeds 2000-V Human Body Model (A114-A)
Latch-Up Exceeds 100mA per JESD 78, Class II Latch-
Up Exceeds 100mA per JESD 78, Class II
Range of Package Options
Direct Interface with TTL Levels
SOT25, SOT353, and DFN1410: Assembled with “Green”
Molding Compound (no Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
SOT25 / SOT353
GND
Y
Vcc
(Top View)
5
4
3
2
1
A
OE
2
3
(Top View)
DFN1410 (Note 2)
A
GND
Y
Vcc
NC
4
6
5
1
OE
Applications
Voltage Level Shifting
Bus Driver / Repeater
Power Down Signal Isolation
General Purpose Logic
Wide array of products such as.
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pin 2 and pin 5 of the DFN1410 package are internally connected.


同様の部品番号 - 74LVC1G125

メーカー部品番号データシート部品情報
logo
Texas Instruments
74LVC1G125 TI-74LVC1G125 Datasheet
119Kb / 8P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74LVC1G125 NXP-74LVC1G125 Datasheet
90Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 11-2 July 2012
74LVC1G125 NXP-74LVC1G125 Datasheet
156Kb / 19P
   Bus buffer/line driver; 3-state
Rev. 9-29 December 2010
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
134Kb / 19P
   Bus buffer/line driver; 3-state
Rev. 10-7 December 2011
More results

同様の説明 - 74LVC1G125

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com