データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC1410S065 データシート(PDF) 26 Page - NXP Semiconductors

部品番号 ADC1410S065
部品情報  Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1410S065 データシート(HTML) 26 Page - NXP Semiconductors

Back Button ADC1410S065 Datasheet HTML 22Page - NXP Semiconductors ADC1410S065 Datasheet HTML 23Page - NXP Semiconductors ADC1410S065 Datasheet HTML 24Page - NXP Semiconductors ADC1410S065 Datasheet HTML 25Page - NXP Semiconductors ADC1410S065 Datasheet HTML 26Page - NXP Semiconductors ADC1410S065 Datasheet HTML 27Page - NXP Semiconductors ADC1410S065 Datasheet HTML 28Page - NXP Semiconductors ADC1410S065 Datasheet HTML 29Page - NXP Semiconductors ADC1410S065 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
ADC1410S065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
26 of 35
NXP Semiconductors
ADC1410S065/080/105/125
Single 14-bit ADC 65, 80, 105 or 125 Msps
11.7.3 Register allocation map
Table 17.
Register allocation map
Addr
Hex
Register name
R/W Bit definition
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bin
0005 Reset and
operating mode
R/W SW_
RST
-
-
-
-
-
OP_MODE
0000
0000
0006 Clock
R/W -
-
-
SE_SEL DIFF/SE
-
CLKDIV
DCS_EN 0000
0001
0008 Internal reference
R/W -
-
-
-
INTREF_
EN
INTREF
0000
0000
0011 Output data
standard.
R/W -
-
-
LVDS/
CMOS
OUTBUF
-
DATA_FORMAT
0000
0000
0012 Output clock
R/W -
-
-
-
DAVINV
DAVPHASE
0000
1110
0013 Offset
R/W -
-
DIG_OFFSET
0000
0000
0014 Test pattern 1
R/W -
-
-
-
-
TESTPAT_SEL
0000
0000
0015 Test pattern 2
R/W TESTPAT_USER
0000
0000
0016 Test pattern 2
R/W TESTPAT_USER
-
-
0000
0000
0017 Fast OTR
R/W
-
-
-
-
FASTOTR
FASTOTR_DET
0000
0000
0020 CMOS output
R/W
-
-
-
-
DAV_DRV
DATA_DRV
0000
1110
0021 LVDS DDR O/P 1
R/W
-
-
DAVI_
x2_EN
DAVI
DATAI_x
2_EN
DATAI
0000
0000
0022 LVDS DDR O/P 2
R/W
-
-
-
-
BIT/BYTE_
WISE
LVDS_INTTER
0000
0000
Table 18.
Reset and operating mode control register (address 0005h) bit description
Bit
Symbol
Access
Value
Description
7
SW_RST
R/W
reset digital section
0
no reset
1
performs a reset of the digital section
6 to 2 reserved
1 to 0 OP_MODE
R/W
operating mode
00
normal (Power-up)
01
Power-down
10
Sleep
11
normal (Power-up)


同様の部品番号 - ADC1410S065

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
ADC1410S065HN-C1 IDT-ADC1410S065HN-C1 Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S065HN/C1 NXP-ADC1410S065HN/C1 Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results

同様の説明 - ADC1410S065

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com