データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC1410S065 データシート(PDF) 28 Page - NXP Semiconductors

部品番号 ADC1410S065
部品情報  Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1410S065 データシート(HTML) 28 Page - NXP Semiconductors

Back Button ADC1410S065 Datasheet HTML 24Page - NXP Semiconductors ADC1410S065 Datasheet HTML 25Page - NXP Semiconductors ADC1410S065 Datasheet HTML 26Page - NXP Semiconductors ADC1410S065 Datasheet HTML 27Page - NXP Semiconductors ADC1410S065 Datasheet HTML 28Page - NXP Semiconductors ADC1410S065 Datasheet HTML 29Page - NXP Semiconductors ADC1410S065 Datasheet HTML 30Page - NXP Semiconductors ADC1410S065 Datasheet HTML 31Page - NXP Semiconductors ADC1410S065 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
ADC1410S065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
28 of 35
NXP Semiconductors
ADC1410S065/080/105/125
Single 14-bit ADC 65, 80, 105 or 125 Msps
1 to 0 DATA_FORMAT
R/W
output data format
00
offset binary
01
2’s complement
10
gray code
11
offset binary
Table 22.
Output clock register (address 0012h) bit description
Bit
Symbol
Access
Value Description
7 to 4 reserved
3
DAVINV
R/W
output clock data valid (DAV) polarity
0
normal
1
inverted
2 to 0 DAVPHASE
R/W
DAV phase select
000
output clock shifted (ahead) by 3 ns
001
output clock shifted (ahead) by 2.5 ns
010
output clock shifted (ahead) by 2 ns
011
output clock shifted (ahead) by 1.5 ns
100
output clock shifted (ahead) by 1 ns
101
output clock shifted (ahead) by 0.5 ns
110
default value as defined in timing section
111
output clock shifted (delayed) by 0.5 ns
Table 23.
Offset register (address 0013h) bit description
Bit
Symbol
Access
Value
Description
7 to 6 reset
5 to 0 DIG_OFFSET
R/W
digital offset adjustment
011111
+31 LSB
...
...
000000
0
...
...
100000
−32 LSB
Table 21.
Output data standard control register (address 0011h) bit description …continued
Bit
Symbol
Access
Value
Description


同様の部品番号 - ADC1410S065

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
ADC1410S065HN-C1 IDT-ADC1410S065HN-C1 Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S065HN/C1 NXP-ADC1410S065HN/C1 Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results

同様の説明 - ADC1410S065

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com