データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA70020M データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LA70020M
部品情報  Recording/Playback Amplifier for VHS VCRs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70020M データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LA70020M Datasheet HTML 5Page - Sanyo Semicon Device LA70020M Datasheet HTML 6Page - Sanyo Semicon Device LA70020M Datasheet HTML 7Page - Sanyo Semicon Device LA70020M Datasheet HTML 8Page - Sanyo Semicon Device LA70020M Datasheet HTML 9Page - Sanyo Semicon Device LA70020M Datasheet HTML 10Page - Sanyo Semicon Device LA70020M Datasheet HTML 11Page - Sanyo Semicon Device LA70020M Datasheet HTML 12Page - Sanyo Semicon Device LA70020M Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Switching Video Trick Mode with Pin 7
GND < pin 7 level - DC < 1.0 V: TRICK2
1.0 V < pin 7 level - DC < 3.0 V: NORMAL
3.0 V < pin 7 level - DC < 5.0 V: TRICK2
NORMAL Mode
Two channels selected with pin 9 (EP/SP): ON
Envelope comparator: OFF
TRICK Modes
All four channels: ON
Envelope comparator: OFF
Difference between TRICK1 and TRICK2 modes
TRICK1 is a special playback mode using the following path
Envelope comparator OUT (pin 8)
→ Servo (microcontroller) → Pin 3 (HA) → HA-SW
TRICK2 provides SP searching
Envelope comparator OUT
→ HA-SW
HA-SW (EP/SP mode switch): Pin 9
GND < pin 9 level - DC < 1.5 V: SP mode
1.5 V < pin 9 level - DC < 5 V: EP mode
Video Synchronization of HA Switching Timing during Playback with H-SYNC Signal
During playback, the LA70020’s video circuits synchronize the HA-SW switching timing shown in the following figure
with the H-SYNC signal from pin 11. (Other EP/SP switching takes place in real time.)
The hi-fi playback amplifier’s gain is approximately 2.4 dB higher in EP mode than in SP mode.
SP: 75.0 dB
EP: 77.4 dB
No. 5711-10/13
LA70020, 70020M


同様の部品番号 - LA70020M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70001M SANYO-LA70001M Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
LA70011M SANYO-LA70011M Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
More results

同様の説明 - LA70020M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
logo
Rohm
BA8400FV ROHM-BA8400FV Datasheet
124Kb / 9P
   CTL recording / playback amplifier for VHS VCRs
logo
Sanyo Semicon Device
LA7416 SANYO-LA7416 Datasheet
187Kb / 7P
   Playback Amplifier and Record Amplifier for VHS VCRs?
LA7411 SANYO-LA7411 Datasheet
120Kb / 5P
   Playback Amplifier and Record Amplifier for VHS VCRs
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
LA7375 SANYO-LA7375 Datasheet
140Kb / 7P
   Recording and Playback Amplifier for VHS Video Recorders
LA7371A SANYO-LA7371A Datasheet
447Kb / 11P
   RECORDING AND PLAYBACK AMPLIFIER FOR VHS VIDEO RECORDERS
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA7321 SANYO-LA7321 Datasheet
393Kb / 9P
   VHS VTR Playback Head Amp, Recording Amp
LA7300M SANYO-LA7300M Datasheet
136Kb / 3P
   VHS VTR PLAYBACK HEAD AMP, RECORDING AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com