データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA7170 データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LA7170
部品情報  RF Modulator for UHF Band (Supports SECAM)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7170 データシート(HTML) 4 Page - Sanyo Semicon Device

  LA7170 Datasheet HTML 1Page - Sanyo Semicon Device LA7170 Datasheet HTML 2Page - Sanyo Semicon Device LA7170 Datasheet HTML 3Page - Sanyo Semicon Device LA7170 Datasheet HTML 4Page - Sanyo Semicon Device LA7170 Datasheet HTML 5Page - Sanyo Semicon Device LA7170 Datasheet HTML 6Page - Sanyo Semicon Device LA7170 Datasheet HTML 7Page - Sanyo Semicon Device LA7170 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
No. 5675-4/8
LA7170M
Continued from preceding page.
Pin No.
Symbol
Pin Voltage
Pin Description
Equivalent Circuit
2.6
(open)
L (0 to 1.5 V) : PAL-TANK1
M (2.1 to 3.2 V) : PAL-TANK2
H (3.8 to 5.0 V) : SECAM-TANK2
10
FoCTL
2.5
1.8
1.8
2.5
This circuit forms a Colpitts oscillator.
11
12
13
14
OSC-B1
OSC-E1
OSC-E2
OSC-B2
0
Ground for RF oscillator
15
GND2
5.0
VCC for RF oscillator
16
VCC2
0
VCC for RF mixer
17
GND3
1.7
Grounding this pin through a capacitor or resistor
attenuates the sound intercarrier level.
18
P/S
3.0
RF mixer signal output
19
RF OUT
5.0
VCC for RF mixer
20
VCC3


同様の部品番号 - LA7170

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA7172M SANYO-LA7172M Datasheet
68Kb / 3P
   UHF Band RF Modulator
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
More results

同様の説明 - LA7170

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM2259 NJRC-NJM2259 Datasheet
129Kb / 7P
   RF Modulator for UHF Band
logo
Sanyo Semicon Device
LA7172M SANYO-LA7172M Datasheet
68Kb / 3P
   UHF Band RF Modulator
logo
Sony Corporation
CXA1733N SONY-CXA1733N Datasheet
339Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA3219M SONY-CXA3219M Datasheet
205Kb / 15P
   UHF-Band RF Modulator for VCR
CXA1733M SONY-CXA1733M Datasheet
337Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
logo
Toshiba Semiconductor
TA1326FNG TOSHIBA-TA1326FNG Datasheet
920Kb / 17P
   UHF BAND RF MODULATOR IC FOR VTRS
logo
Sanyo Semicon Device
LA7051 SANYO-LA7051 Datasheet
49Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator
LA7054 SANYO-LA7054 Datasheet
52Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator
LA7054Z SANYO-LA7054Z Datasheet
70Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator Use
LA7058R SANYO-LA7058R Datasheet
64Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator Use?
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com