データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC3515 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 2SC3515
部品情報  HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3515 データシート(HTML) 1 Page - Toshiba Semiconductor

  2SC3515_04 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3515_04 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3515_04 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3515_04 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3515_04 Datasheet HTML 5Page - Toshiba Semiconductor 2SC3515_04 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC3515
2004-07-07
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT process)
2SC3515
HIGH Voltage Control Applications
Plasma Display, Nixie Tube Driver Applications
Cathode Ray Tube Brightness Control Applications
• High voltage: VCBO = 300 V, VCEO = 300 V
• Low saturation voltage: VCE (sat) = 0.5 V (max)
• Small collector output capacitance: Cob = 3 pF (typ.)
• Complementary to 2SA1384
• Small flat package
• PC = 1.0 to 2.0 W (mounted on a ceramic substrate)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
300
V
Collector-emitter voltage
VCEO
300
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
100
mA
Base current
IB
20
mA
PC
500
Collector power dissipation
PC
(Note 1)
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Mounted on a ceramic substrate (250 mm
2 × 0.8 mmt)
Unit: mm
PW-MINI
JEDEC
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05 g (typ.)


同様の部品番号 - 2SC3515_04

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SC3515 TOSHIBA-2SC3515 Datasheet
267Kb / 5P
   NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC3515 KEXIN-2SC3515 Datasheet
729Kb / 4P
   High Voltage Control Applications
logo
Toshiba Semiconductor
2SC3515 TOSHIBA-2SC3515 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

同様の説明 - 2SC3515_04

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SA1721 TOSHIBA-2SA1721_07 Datasheet
192Kb / 5P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1384 TOSHIBA-2SA1384_07 Datasheet
203Kb / 6P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1091 TOSHIBA-2SA1091_07 Datasheet
654Kb / 4P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1432 TOSHIBA-2SA1432_09 Datasheet
159Kb / 6P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1091 TOSHIBA-2SA1091 Datasheet
224Kb / 3P
   TRANSISTOR (HIGH VOLTAGE CONTROL APPLICATIONS PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL)
2SA1432 TOSHIBA-2SA1432 Datasheet
247Kb / 4P
   TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1721 TOSHIBA-2SA1721 Datasheet
175Kb / 3P
   TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS
2SC2551 TOSHIBA-2SC2551 Datasheet
220Kb / 3P
   TRANSISTOR (HIGHT VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1384 TOSHIBA-2SA1384 Datasheet
268Kb / 5P
   TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TYBE DRIVER , CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SC3515 TOSHIBA-2SC3515 Datasheet
267Kb / 5P
   NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com