データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA7688 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA7688
部品情報  Single-Chip CTV Signal-Processing Circuit for PAL and NTSC Formats
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7688 データシート(HTML) 1 Page - Sanyo Semicon Device

  LA7688 Datasheet HTML 1Page - Sanyo Semicon Device LA7688 Datasheet HTML 2Page - Sanyo Semicon Device LA7688 Datasheet HTML 3Page - Sanyo Semicon Device LA7688 Datasheet HTML 4Page - Sanyo Semicon Device LA7688 Datasheet HTML 5Page - Sanyo Semicon Device LA7688 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Overview
The LA7688 integrates VIF, SIF, video, chrominance, and
deflection processing circuits for PAL/NTSC format TV
sets on a single chip and is provided in a 52-pin shrink
package.
The VIF and SIF circuits achieve semi-adjustment-free
operation, and are adjustment-free except for the VCO coil
and the RF AGC circuit. The chrominance circuit can be
made adjustment-free by using the LC89950 1H delay line
IC. All the signal processing required for a multi-format
color TV can be implemented by combining this product
with the LA7642 SECAM decoder IC.
Features
[VIF]
• PLL detector • Buzz canceller
[SIF]
• PLL detector • Audio switch
[VIDEO]
• Built-in trap • Built-in DL
• Aperture control
• Video switch (SVO output)
• Black expansion
[CHROMA]
• PAL/NT • Base band processing
(adjustment free)
• Built-in bandpass filter
[OSD]
• Analog OSD
[DEF]
• Automatic 50/60 Hz discrimination
• Fixed vertical size • Double AFC
• Built-in sync separator circuit
[Other features] • Sandcastle pulse (for the 1H delay line)
• fsc output (for SECAM systems)
• Primary color output
Package Dimensions
unit: mm
3218-DIP52S
Monolithic Linear IC
Ordering number : EN5635
82097HA(OT) No. 5635-1/6
SANYO: DIP52S
[LA7688]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Single-Chip CTV Signal-Processing Circuit
for PAL and NTSC Formats
LA7688
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
V40 max
9V
V45 max
9V
Maximum supply current
I24 max
16
mA
FBP input current
I26 max
5mA
I32 max
10
mA
FBP input voltage
I26 min
–5
V
Allowable power dissipation
Pd max
Ta
≤ 65°C When mounted on a printed circuit board*
1.3
W
Operating temperature
Topr
–10 to +65
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
V40
7.6
V
V45
7.6
V
Recommended supply current
I24
12
mA
Operating voltage range
V40 op
7 to 8.2
V
V45 op
7 to 8.2
V
Operating current range
I24 op
10 to 16
mA
Operating Conditions at Ta = 25°C
Note : * Printed circuit board size: 83
× 86 × 1.5 mm, material: Bakelite


同様の部品番号 - LA7688

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA7680 SANYO-LA7680 Datasheet
213Kb / 10P
   Single-Chip Signal Processor for Color TV Use
LA7681 SANYO-LA7681 Datasheet
213Kb / 10P
   Single-Chip Signal Processor for Color TV Use
LA76810A SANYO-LA76810A Datasheet
429Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/Deflection 1chip IC
LA76818A SANYO-LA76818A Datasheet
522Kb / 3P
   The LA76818A is I2C bus controller ICs that support the different TV broadcast formats used worldwide and aim for rationalization of color TV set desi
LA76828N SANYO-LA76828N Datasheet
526Kb / 3P
   I2C Bus Control IC
More results

同様の説明 - LA7688

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA7685J SANYO-LA7685J Datasheet
271Kb / 10P
   PAL/NTSC Single-chip Color Television Signal Processing Circuit
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
TA1276AFG TOSHIBA-TA1276AFG Datasheet
1Mb / 83P
   PAL/NTSC Video Chroma And Deflection IC For CTV
TA8690AN TOSHIBA-TA8690AN Datasheet
1Mb / 48P
   PAL/NTSC DUAL MODE COLOR TV SINGLE CHIP SIGNAL PROCESSING IC
logo
Panasonic Semiconductor
AN5601K PANASONIC-AN5601K Datasheet
314Kb / 10P
   COLOR SIGNAL, VIDEO SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING IC FOR PAL/NTSC TV
AN5625N PANASONIC-AN5625N Datasheet
180Kb / 3P
   TV PAL/NTSC/M-NTSC CHROMINANCE-SIGNAL PROCESSING IC
logo
NTE Electronics
NTE7150 NTE-NTE7150 Datasheet
59Kb / 8P
   Integrated Circuit Video, Chroma, and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions
logo
Panasonic Semiconductor
AN5367FB PANASONIC-AN5367FB Datasheet
249Kb / 22P
   NTSC video, chroma, and deflection signal processing circuit
logo
Toshiba Semiconductor
TA8867AN TOSHIBA-TA8867AN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TA8867BN TOSHIBA-TA8867BN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com