データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-8000JF データシート(PDF) 2 Page - Sanken electric

部品番号 SI-8000JF
部品情報  Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8000JF データシート(HTML) 2 Page - Sanken electric

  SI-8000JF Datasheet HTML 1Page - Sanken electric SI-8000JF Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
57
ICs
■External Dimensions (TO220F-5)
Forming No.1101
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
12 3 4 5
P1.7±0.7
×4=6.8±0.7
2.8
±0.2
(Unit : mm)
Pin Assignment
q VIN
w SWOUT
e GND
r VOS
t ON/OFF
Plastic Mold Package Type
Flammability: UL94V-0
Product Mass: Approx. 2.3g
■Block Diagram
4
3
GND
2
VIN
ON/OFF
SW OUT
1
5
PReg.
OCP
8033JF, 8050JF, 8120JF
Reset
OSC
+
Comp.
Error Amp.
Latch&
Drive
TSD
ON/OFF
Soft
Start
VREF
+
4
3
GND
2
VIN
VREF
ON/OFF
SW OUT
1
5
PReg.
OCP
Reset
OSC
+
Comp.
Error Amp.
Latch&
Drive
TSD
ON/OFF
Soft
Start
VREF
+
SI-8015JF
■Typical Connection Diagram
C1 : 50V/220
µF
C2 : 25V/470
µF
C3 : 10V/0.47
µF (Only when using soft-start function)
L1 : 100
µH
Di : RK16 (Sanken)
C1 : 50V/220
µF
C2 : 25V/470
µF
C3 : 10V/0.47
µF (Only when using soft-start function)
C4 : 6800pF
L1 : 100
µH
Di : RK16 (Sanken)
VIN
220
µF
Di
REF
L1
470
µF
VIN
GND
ON/OFF
GND
SI-8015JF
SW
VREF
IREF
R1
R2
C4
12
4
3
5
+
+
VOUT
GND
SI-8015JF
VIN
C1
C3
Di
L1
C2
VIN
GND
ON/OFF
GND
SI-8000JF
SW
VS
12
4
3
5
+
+
VOUT
GND
8033JF, 8050JF, 8120JF
IREF shall be approx. 2mA.
VOUT=
VREF
× (R1+R2)
R2
SI-8000JF Series


同様の部品番号 - SI-8000JF

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

同様の説明 - SI-8000JF

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000S SANKEN-SI-8000S_10 Datasheet
43Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE Datasheet
449Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000Y SANKEN-SI-8000Y_11 Datasheet
92Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000E SANKEN-SI-8000E_10 Datasheet
40Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com