データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA6826M データシート(PDF) 8 Page - Sanken electric

部品番号 SLA6826M
部品情報  High Voltage 3-Phase Motor Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6826M データシート(HTML) 8 Page - Sanken electric

Back Button SLA6826M Datasheet HTML 4Page - Sanken electric SLA6826M Datasheet HTML 5Page - Sanken electric SLA6826M Datasheet HTML 6Page - Sanken electric SLA6826M Datasheet HTML 7Page - Sanken electric SLA6826M Datasheet HTML 8Page - Sanken electric SLA6826M Datasheet HTML 9Page - Sanken electric SLA6826M Datasheet HTML 10Page - Sanken electric SLA6826M Datasheet HTML 11Page - Sanken electric SLA6826M Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
High Voltage 3-Phase Motor Drivers
8
SLA6820M
Series
1.27 ±0.7
0.6
0.6 +0.15
– 0.05
9.5 +0.7
– 0.5
0.5
+0.15
– 0.05
16.4 ±0.2
24.4 ±0.2
Ø3.2 ±0.15
31 ±0.2
Gate protrusion
Gate protrusion
9.9 ±0.2
12.9 ±0.2
16 ±0.2
A
A
B
Measured at pin tips
To case top
13579
11
13
15
17
19
21
23
2
4
6
8
10
12
14
16
18
20
22
24
1.7 ±0.1
4.8 ±0.2
R1
REF
4.5
REF
4.5 ±0.7
5 ±0.5
2.45 ±0.2
BSC
B
Ø3.2 ±0.15
31.3 ±0.2
View A
Deflection at pin bend
0.7 MAX
0.7 MAX
View A
Branding Area
Leadform: 2171
Terminal core material: Cu
Terminal plating: Ni
Recommended attachment: Solder dip (Sn-Ag-Cu)
Dimensions in millimeters
Branding codes (exact appearance at manufacturer discretion):
1st line,
type: SLA682xM
2nd line, lot:
YMDD#
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the date
# is the tracking letter
Exposed
heatsink pad
Package Outline Drawing
Leadform 2171
Dual rows, 24 alternating pins; vertical case mounting; pin #1 on tab side
Leadframe plating Pb-free. Device composition
complies with the RoHS directive.
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


同様の部品番号 - SLA6826M

メーカー部品番号データシート部品情報
logo
Sanken electric
SLA6826M SANKEN-SLA6826M Datasheet
243Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6826MH SANKEN-SLA6826MH Datasheet
751Kb / 18P
   250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
More results

同様の説明 - SLA6826M

メーカー部品番号データシート部品情報
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com