データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1142 データシート(PDF) 8 Page - Silicon Laboratories

部品番号 SI1142
部品情報  PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1142 データシート(HTML) 8 Page - Silicon Laboratories

Back Button SI1142 Datasheet HTML 4Page - Silicon Laboratories SI1142 Datasheet HTML 5Page - Silicon Laboratories SI1142 Datasheet HTML 6Page - Silicon Laboratories SI1142 Datasheet HTML 7Page - Silicon Laboratories SI1142 Datasheet HTML 8Page - Silicon Laboratories SI1142 Datasheet HTML 9Page - Silicon Laboratories SI1142 Datasheet HTML 10Page - Silicon Laboratories SI1142 Datasheet HTML 11Page - Silicon Laboratories SI1142 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
Si1141/42/43
8
Preliminary Rev. 0.5
2. Functional Description
2.1. Introduction
The Si1141/42/43 is an active optical reflectance proximity detector and ambient light sensor whose operational
state is controlled through registers accessible through the I2C interface. The host can command the Si1141/42/43
to initiate on-demand proximity detection or ambient light sensing. The host can also place the Si1141/42/43 in an
autonomous operational state where it performs measurements at set intervals and interrupts the host either after
each measurement is completed or whenever a set threshold has been crossed. This results in an overall system
power saving allowing the host controller to operate longer in its sleep state instead of polling the Si1141/42/43. For
more details, refer to “AN498: Designer's Guide for the Si114x”.
2.2. Proximity Sensing (PS)
The Si1141/42/43 has been optimized for use as either a dual-port or single-port active reflection proximity
detector. Over distances of less than 50 cm, the dual-port active reflection proximity detector has significant
advantages over single-port, motion-based infrared systems, which are only good for triggered events. Motion-
based infrared detectors identify objects within proximity, but only if they are moving. Single-port motion-based
infrared systems are ambiguous about stationary objects even if they are within the proximity field. The Si1141/42/
43 can reliably detect an object entering or exiting a specified proximity field, even if the object is not moving or is
moving very slowly. However, beyond about 30–50 cm, even with good optical isolation, single-port signal
processing may be required due to static reflections from nearby objects, such as table tops, walls, etc. If motion
detection is acceptable, the Si1141/42/43 can achieve ranges of up to 50 cm, through a single product window.
For small objects, the drop in reflectance is as much as the fourth power of the distance. This means that there is
less range ambiguity than with passive motion-based devices. For example, a sixteenfold change in an object's
reflectance means only a fifty-percent drop in detection range.
The Si1141/42/43 can drive three separate infrared LEDs. When the three infrared LEDs are placed in an L-shaped
configuration, it is possible to triangulate an object within the three-dimensional proximity field. Thus, a touchless
user interface can be implemented with the aid of host software.
The Si1141/42/43 can initiate proximity sense measurements when explicitly commanded by the host or
periodically through an autonomous process. Refer to "3. Operational Modes" on page 14 for additional details of
the Si1141/42/43's Operational Modes.
Whenever it is time to make a PS measurement, the Si1141/42/43 makes up to three measurements, depending
on what is enabled in the CHLIST parameter. Other ADC parameters for these measurements can also be
modified to allow proper operation under different ambient light conditions.
The LED choice is programmable for each of these three measurements. By default, each measurement turns on a
single LED driver. However, the order of measurements can be easily reversed or even have all LEDs turned on at
the same time. Optionally, each proximity measurement can be compared against a host-programmable threshold.
With threshold settings for each PS channel, it is also possible for the Si1141/42/43 to notify the host whenever the
threshold has been crossed. This reduces the number of interrupts to the host, aiding in efficient software
algorithms.
The Si1141/42/43 can also generate an interrupt after a complete set of proximity measurements, ignoring any
threshold settings.
To support different power usage cases dynamically, the infrared LED current of each output is independently
programmable. The current can be programmed anywhere from a few to several hundred milliamps. Therefore, the
host can optimize for proximity detection performance or for power saving dynamically. This feature can be useful
since it allows the host to reduce the LED current once an object has entered a proximity sphere, and the object
can still be tracked at a lower current setting. Finally, the flexible current settings make it possible to control the
infrared LED currents with a controlled current sink, resulting in higher precision.
The ADC properties are programmable. For indoor operation, the ADC should be configured for low signal range
for best reflectance sensitivity. When under high ambient conditions, the ADC should be configured for high signal
level range operation.


同様の部品番号 - SI1142

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI1142-A11-GMR SILABS-SI1142-A11-GMR Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI1142-M01-GMR SILABS-SI1142-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFAC
Rev. 1.1 12/14
SI1142-M01-GMR SILABS-SI1142-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
More results

同様の説明 - SI1142

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com