データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA8518NM データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LA8518NM
部品情報  Signal Processor for Cordless Telephone Base Sets
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8518NM データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LA8518NM Datasheet HTML 5Page - Sanyo Semicon Device LA8518NM Datasheet HTML 6Page - Sanyo Semicon Device LA8518NM Datasheet HTML 7Page - Sanyo Semicon Device LA8518NM Datasheet HTML 8Page - Sanyo Semicon Device LA8518NM Datasheet HTML 9Page - Sanyo Semicon Device LA8518NM Datasheet HTML 10Page - Sanyo Semicon Device LA8518NM Datasheet HTML 11Page - Sanyo Semicon Device LA8518NM Datasheet HTML 12Page - Sanyo Semicon Device LA8518NM Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
— Address chart —
Input
LINE
HAND
RF1
RF2
DOOR
AUX
MIC
OGM
PRE
Output
LINE
01
02
03
04
05
06
HAND
07
08
09
0A
0B
0C
RF1
0D
0E
0F
10
11
12
13
RF2
14
15
16
17
18
19
1A
DOOR
1B
1C
1D
1E
1F
20
AUX
21
22
23
24
25
26
27
28
PWR
29
2A
2B
2C
2D
2E
37
PRE
2F
30
31
32
33
34
35
36
Other Control Switches
00
All crosspoint switches and control switches off
*2
38
Mixing switch for PB amplifier-OGM amplifier on
39
Transmitting/receiving CTL (SW1 and SW2 in the block diagram) *1
3A
Receiver amplifier ATT
Set to 0 dB
3B
Line amplifier ATT
Set to –6 dB
3C
ALC on
3D
PB amplifier on
3E
REC amplifier on
3F
Power amplifier on
40
Electronic volume control
0 dB
*2
41
Electronic volume control
–4dB
42
Electronic volume control
–8dB
43
Electronic volume control
–12dB
44
Electronic volume control
–16dB
45
Electronic volume control
–20dB
46
Electronic volume control
–24dB
47
Electronic volume control
–28dB
*1: When address 39 is on, SW1 enables the transmitting amplifier output (pin 58) signal, and SW4 enables the receiving
amplifier output (pin 7) or KT (pin 55) signal. If voltage is not supplied to pin 31 (VCC) (power is off), the status of SW1
and SW4 is the same as address 39 is in on state.
*2: When setting address 00 and 40 to 47, ‘‘D’’ data may be either ‘‘0’’ or ‘‘1’’.
Note 1: The receiver amplifier ATT is set to −6 dB when power is first applied, when a reset is performed, and when all of the
switches are off.
Note 2: The line amplifier ATT is set to 0 dB when power is first applied, when a reset is performed, and when all of the switches
are off.
Note 3: The electronic volume control is set to 0 dB when power is first applied, when a reset is performed, and when all of the
switches are off.
Note 4: The addresses are given in hexadecimal notation.
LA8518NM
No.5421-9/31


同様の部品番号 - LA8518NM

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA8510 SANYO-LA8510 Datasheet
138Kb / 6P
   Telephonic Speech Network
LA8515N SANYO-LA8515N Datasheet
134Kb / 6P
   Telephonic Speech Network?
LA8517M SANYO-LA8517M Datasheet
504Kb / 21P
   Audio Signal Processing Circuit for Cordless Telephone Base Set Applications
LA8519M SANYO-LA8519M Datasheet
317Kb / 29P
   I/O Switch/Voice Signal-Processing IC for Cordless Telephones
More results

同様の説明 - LA8518NM

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
LA8517M SANYO-LA8517M Datasheet
504Kb / 21P
   Audio Signal Processing Circuit for Cordless Telephone Base Set Applications
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
   Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
Rohm
BU8710AKS ROHM-BU8710AKS Datasheet
601Kb / 32P
   4-channel ADPCM transcoder for digital cordless telephone base stations
logo
UMC Corporation
UM9310 UMC-UM9310 Datasheet
918Kb / 14P
   Cordless Telephone Controller
logo
Toshiba Semiconductor
TB31214FN TOSHIBA-TB31214FN Datasheet
631Kb / 18P
   PLL FREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com