データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA8608 データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 LA8608
部品情報  1.8 V Low-Voltage Narrowband FM-IF System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8608 データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button LA8608 Datasheet HTML 6Page - Sanyo Semicon Device LA8608 Datasheet HTML 7Page - Sanyo Semicon Device LA8608 Datasheet HTML 8Page - Sanyo Semicon Device LA8608 Datasheet HTML 9Page - Sanyo Semicon Device LA8608 Datasheet HTML 10Page - Sanyo Semicon Device LA8608 Datasheet HTML 11Page - Sanyo Semicon Device LA8608 Datasheet HTML 12Page - Sanyo Semicon Device LA8608 Datasheet HTML 13Page - Sanyo Semicon Device LA8608 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Supply voltage, VCC —V
Input voltage, VIN — dBµ
Demodutation output
(Mitsumi)
Noise output
Unit (resistance:
Ω, capacitance: F)
(Murata)
Demodutation output
Noise output
Unit (resistance:
Ω, capacitance: F)
Input voltage, VIN — dBµ
Referenced to VIN = 80 dBµ
Supply voltage,VCC —V
Icco, Vref — VCC
Vo, Noise, AM-OUT — VIN
Vo, Noise, AM-OUT, THD — VIN
Vo, –3dB L.S. 20dB SIN AD — VCC
Detuning characteristics
Ceramic
discriminator
Coil
Detuning frequency
∆ f — kHz (21.70MHz)
S curve output
Unit
(resistance:
Ω, capacitance: F)
When
using
coil
When using
a ceramic
discriminator
Detuning frequency,
∆f — kHz
Detection
coil
YD0051
(Mitsumi)
Discriminator
CDBM455C7 (Murata)
Unit
(resistance:
Ω, capacitance: F)
Input voltage, VIN — dBµ
Unit (resistance:
Ω,
capacitance: F)
Input voltage, VIN — dBµ
VSM —VIN
VND —VIN
LA8608V
No.4077 - 11/14


同様の部品番号 - LA8608

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
LA8606 SANYO-LA8606 Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results

同様の説明 - LA8608

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
logo
NXP Semiconductors
SA676 NXP-SA676 Datasheet
509Kb / 22P
   Low-voltage mixer FM IF system
Rev. 3-19 July 2012
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
logo
Motorola, Inc
MC3367 MOTOROLA-MC3367 Datasheet
499Kb / 9P
   LOW VOLTAGE FM NARROWBAND RECEIVER
MC3374 MOTOROLA-MC3374 Datasheet
244Kb / 8P
   Low Voltage FM Narrowband Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com