データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4148WS-7-F データシート(PDF) 1 Page - Diodes Incorporated

部品番号 1N4148WS-7-F
部品情報  SURFACE MOUNT FAST SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4148WS-7-F データシート(HTML) 1 Page - Diodes Incorporated

  1N4148WS-7-F Datasheet HTML 1Page - Diodes Incorporated 1N4148WS-7-F Datasheet HTML 2Page - Diodes Incorporated 1N4148WS-7-F Datasheet HTML 3Page - Diodes Incorporated 1N4148WS-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4148WS / BAV16WS
Document number: DS30097 Rev. 18 - 2
1 of 4
www.diodes.com
August 2010
© Diodes Incorporated
1N4148WS / BAV16WS
SURFACE MOUNT FAST SWITCHING DIODE
Features
Fast Switching Speed
Small Surface Mount Package
For General Purpose Switching Applications
High Conductance
Lead Free/RoHS Compliant (Note 3)
"Green" Device (Note 4)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOD-323
Case Material: Molded Plastic, “Green” Molding Compound
(Note 4). UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.006 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage (Note 2)
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0s
IFSM
2.0
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
75
V
IR = 1.0μA
Forward Voltage
VFM
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Peak Reverse Current (Note 2)
IRM
1.0
50
30
25
μA
μA
μA
nA
VR = 75V
VR = 75V, TJ = 150°C
VR = 25V, TJ = 150°C
VR = 20V
Total Capacitance
CT
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
4. Product manufactured with Data Code OW (week 42, 2009) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code OW are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
TOP VIEW
SOD-323


同様の部品番号 - 1N4148WS-7-F

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
1N4148WS-7-F DIODES-1N4148WS-7-F Datasheet
350Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 10 - 2
1N4148WS-7-F DIODES-1N4148WS-7-F Datasheet
95Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148WS-7-F DIODES-1N4148WS-7-F Datasheet
84Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148WS-7-F DIODES-1N4148WS-7-F Datasheet
84Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148WS-7-F DIODES-1N4148WS-7-F Datasheet
135Kb / 5P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

同様の説明 - 1N4148WS-7-F

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com