データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54DW データシート(PDF) 1 Page - Diodes Incorporated

部品番号 BAT54DW
部品情報  DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54DW データシート(HTML) 1 Page - Diodes Incorporated

  BAT54DW_08 Datasheet HTML 1Page - Diodes Incorporated BAT54DW_08 Datasheet HTML 2Page - Diodes Incorporated BAT54DW_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT54DW
Document number: DS30107 Rev. 11 - 2
1 of 3
www.diodes.com
July 2008
© Diodes Incorporated
BAT54DW
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
Low Forward Voltage Drop
Fast Switching
Ultra-Small Surface Mount Package
PN Junction Guard Ring for Transient and ESD Protection
Lead Free/RoHS Compliant (Note 3)
"Green" Device (Note 4 and 5)
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Terminal Connections: See Diagram
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.006 grams (approximate)
A
2
C
1
NC
NC
C
2
A
1
Top View
Device Schematic
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Average Rectified Forward Current
IO
100
mA
Forward Continuous Current (Note 1)
IF
200
mA
Repetitive Peak Forward Current (Note 1)
IFRM
300
mA
Forward Surge Current (Note 1)
@ t < 1.0s
IFSM
600
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
30
V
IRS = 100μA
Forward Voltage
VF
240
320
400
500
1000
mV
IF = 0.1mA
IF =
1mA
IF = 10mA
IF = 30mA
IF = 100mA
Reverse Leakage Current (Note 2)
IR
2.0
μA
VR = 25V
Total Capacitance
CT
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
5.0
ns
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100Ω
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Please click here to visit our online spice models database.


同様の部品番号 - BAT54DW_08

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAT54DW-7 DIODES-BAT54DW-7 Datasheet
44Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
BAT54DW-7-F DIODES-BAT54DW-7-F Datasheet
364Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
logo
Unisonic Technologies
BAT54DWG-AL6-R UTC-BAT54DWG-AL6-R Datasheet
150Kb / 2P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54DWG-AL6-R UTC-BAT54DWG-AL6-R Datasheet
152Kb / 3P
   SCHOTTKY BARRIER DIODES
BAT54DWL-AL6-R UTC-BAT54DWL-AL6-R Datasheet
150Kb / 2P
   SCHOTTKY BARRIER (DUAL) DIODES
More results

同様の説明 - BAT54DW_08

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAS40V DIODES-BAS40V_08 Datasheet
122Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAS40V DIODES-BAS40V_15 Datasheet
259Kb / 5P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
SDM20E40C DIODES-SDM20E40C_1 Datasheet
76Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. 6 - 2
BAT54DW DIODES-BAT54DW_1 Datasheet
364Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
SDM20N40A DIODES-SDM20N40A_15 Datasheet
80Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
SDM20E40C DIODES-SDM20E40C Datasheet
56Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. B-2
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
BAS40V DIODES-BAS40V Datasheet
245Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 2 - 2
SDM40E20L DIODES-SDM40E20L_08 Datasheet
123Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 June 2008
SDM20E40C DIODES-SDM20E40C_15 Datasheet
91Kb / 4P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com