データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA9251M データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA9251M
部品情報  CD Player Analog Signal Processor (ASP)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9251M データシート(HTML) 1 Page - Sanyo Semicon Device

  LA9251M Datasheet HTML 1Page - Sanyo Semicon Device LA9251M Datasheet HTML 2Page - Sanyo Semicon Device LA9251M Datasheet HTML 3Page - Sanyo Semicon Device LA9251M Datasheet HTML 4Page - Sanyo Semicon Device LA9251M Datasheet HTML 5Page - Sanyo Semicon Device LA9251M Datasheet HTML 6Page - Sanyo Semicon Device LA9251M Datasheet HTML 7Page - Sanyo Semicon Device LA9251M Datasheet HTML 8Page - Sanyo Semicon Device LA9251M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Ordering number : ENN6125
42800RM (OT) No. 6125-1/17
Overview
The LA9251M is a servo signal-processing IC for CD
players. In combination with a CD DSP such as the
LC78626KE, it can implement a CD player with a
minimal number of external components.
Functions
• I/V amplifier
• SLC
•FE
• Focus servo amplifier
• Spindle servo amplifier (with gain switching function)
• Focus detection (DRF and FZD)
• Defect detection
• RF amplifier with AGC
• APC
• TE (with variable gain and auto balance function)
• Tracking servo amplifier
• Sled servo amplifier (with turn-off function)
• Track detection (HFL, TES)
• Shock detection
Features
• Low-voltage operation: 2.4 V (minimum)
• Low current drain: 15 mA (at VCC = 3.0 V, typical)
• Built-in EF balance adjustment
• Built-in RF level AGC function
• RF level follower function for the tracking servo gain
(with turn-off function)
Package Dimensions
unit: mm
3159-QIP64E
14.0
17.2
1.0
1.0
1.6
0.15
0.35
0.1
15.6
0.8
0.8
1
16
17
32
33
48
49
64
2.7
SANYO: QIP64E
[LA9251M]
LA9251M
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
CD Player Analog Signal Processor (ASP)
Monolithic Linear IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Pin 56
7
V
Allowable power dissipation
Pd max
Ta
≤ 75°C
200
mW
Operating temperature
Topr
–15 to +75
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C, with pin 46 tied to ground


同様の部品番号 - LA9251M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
More results

同様の説明 - LA9251M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
   CD Player Digital Signal Processor
M50427FP MITSUBISHI-M50427FP Datasheet
848Kb / 17P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
M65821FP MITSUBISHI-M65821FP Datasheet
1Mb / 24P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com