データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QZX363C20 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 QZX363C20
部品情報  QUAD SURFACE MOUNT ZENER DIODE ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

QZX363C20 データシート(HTML) 1 Page - Diodes Incorporated

  QZX363C20 Datasheet HTML 1Page - Diodes Incorporated QZX363C20 Datasheet HTML 2Page - Diodes Incorporated QZX363C20 Datasheet HTML 3Page - Diodes Incorporated QZX363C20 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DQZX363C5V6-QZX363C20
Document number: DS30143 Rev. 13 - 2
1 of 4
www.diodes.com
June 2008
© Diodes Incorporated
QZX363C5V6 - QZX363C20
QUAD SURFACE MOUNT ZENER DIODE ARRAY
Features
Nominal Zener Voltages: 5.6V, 6.8V, 12V, 15V, 20V
Ultra-Small Surface Mount Package
Ideal For Transient Suppression
Lead Free/RoHS Compliant (Note 4)
"Green" Device (Note 5 and 6)
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Orientation: See Diagram
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.006 grams (approximate)
C
2
C
1
A
NC
C
3
C
4
Top View
Device Schematic
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Forward Voltage
(Note 1) @ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
PD
200
mW
Thermal Resistance, Junction to Ambient Air
(Note 3)
RθJA
625
°C/W
Operating and Storage Temperature Range
(Note 3)
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Zener Voltage
Range (Note 1)
Maximum Zener Impedance
(Note 2)
Maximum Reverse
Current (Note 1)
Temperature
Coefficient of
Zener Voltage
@ IZT = 5mA
VZ @ IZT = 5.0mA
ZZT @ IZT
ZZK @ IZK
IR @ VR
TC (mV/°C)
Type
Number
Marking
Code
Nom (V)
Min (V)
Max (V)
Ω
mA
Ω
mA
μA
V
Min
Max
QZX363C5V6
K5F
5.6
5.32
5.88
40
5.0
400
1.0
1.0
2.0
-2.0
2.5
QZX363C6V8
K6F
6.8
6.47
7.14
15
5.0
80
1.0
2.0
4.0
1.2
4.5
QZX363C12
KFF
12
11.4
12.7
25
5.0
150
1.0
0.1
8.0
6.0
10.0
QZX363C15
KJF
15
13.8
15.6
30
5.0
200
1.0
0.1
10.5
9.2
13.0
QZX363C20
KMF
20
19.0
21.0
55
5.0
225
1.0
0.1
14
14.4
18.0
Notes:
1.
Short duration pulse test used to minimize self-heating effect.
2.
f = 1KHz.
3.
Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
4.
No purposefully added lead.
5.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
6.
Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Please click here to visit our online spice models database.


同様の部品番号 - QZX363C20

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
QZX363C20 DIODES-QZX363C20 Datasheet
60Kb / 3P
   QUAD SURFACE MOUNT DIODE ARRAY
DS30143 Rev. 6 - 2
QZX363C20 DIODES-QZX363C20 Datasheet
75Kb / 3P
   QUAD SURFACE MOUNT ZENER DIODE ARRAY
DS30143 Rev. 10 - 2
QZX363C20-7-F DIODES-QZX363C20-7-F Datasheet
75Kb / 3P
   QUAD SURFACE MOUNT ZENER DIODE ARRAY
DS30143 Rev. 10 - 2
More results

同様の説明 - QZX363C20

メーカー部品番号データシート部品情報
logo
Jiangsu Changjiang Elec...
FQZX363C5V6 JIANGSU-FQZX363C5V6 Datasheet
216Kb / 4P
   QUAD SURFACE MOUNT ZENER DIODE ARRAY
logo
Diodes Incorporated
QZX363C5V6 DIODES-QZX363C5V6_1 Datasheet
75Kb / 3P
   QUAD SURFACE MOUNT ZENER DIODE ARRAY
DS30143 Rev. 10 - 2
QZX363C5V6 DIODES-QZX363C5V6 Datasheet
60Kb / 3P
   QUAD SURFACE MOUNT DIODE ARRAY
DS30143 Rev. 6 - 2
logo
Central Semiconductor C...
CMXTVS5V6 CENTRAL-CMXTVS5V6 Datasheet
416Kb / 3P
   SURFACE MOUNT SILICON QUAD TVS/ZENER ARRAY
logo
Diodes Incorporated
MMBZ5221BTS DIODES-MMBZ5221BTS Datasheet
62Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
BZX84C2V4TS DIODES-BZX84C2V4TS_1 Datasheet
158Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 9 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_08 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
MMBZ5221BTS DIODES-MMBZ5221BTS_15 Datasheet
184Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
MMBZ5221BTS DIODES-MMBZ5221BTS_08 Datasheet
149Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com