データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA9702W データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LA9702W
部品情報  DVD Player Front End Processor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9702W データシート(HTML) 2 Page - Sanyo Semicon Device

  LA9702W Datasheet HTML 1Page - Sanyo Semicon Device LA9702W Datasheet HTML 2Page - Sanyo Semicon Device LA9702W Datasheet HTML 3Page - Sanyo Semicon Device LA9702W Datasheet HTML 4Page - Sanyo Semicon Device LA9702W Datasheet HTML 5Page - Sanyo Semicon Device LA9702W Datasheet HTML 6Page - Sanyo Semicon Device LA9702W Datasheet HTML 7Page - Sanyo Semicon Device LA9702W Datasheet HTML 8Page - Sanyo Semicon Device LA9702W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
No. 6575 -2/10
LA9702W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC
No signal
40
58
75
mA
Reference voltage 1
PREF
Pin 79, load current: ±2 mA
2.3
2.5
2.7
V
Reference voltage 2
SREF
Pin 27, load current: ±2 mA
2.3
2.5
2.7
V
RF gain 1
RFG1
Input to pins 1 and 2, pin 21 = SREF – 0.75 V
0.25
3.25
6.25
dB
Pin 61 = pin 63 = pin 76 = 5 V, pins 40 and 41
RF gain 2
RFG2
Input to pins 1 and 2, pin 21 = REF + 0.75 V
18
21
24
dB
Pin 61 = pin 63 = pin 76 = 5 V, pins 40 and 41
PH
PH
Pin 7 = pin 8 = pin 9 = 400 mVpp, pin 21 = SREF – 0.75 V
SREF + 0.4
SREF + 0.65
SREF + 0.9
V
Pin 61 = 5 V, pin 63 = pin 76 = 0 V, pin 44
BH
BH
Pin 7 = pin 8 = pin 9 = 400 mVpp, pin 21 = SREF – 0.75 V
SREF – 0.08
SREF – 0.28
SREF – 0.48
V
Pin 57 = pin 59 = pin 61 = 5 V, pin 63 = pin 76 = 0 V, pin 42
RREC1
RREC1
Input to pins 3, 4, 5, and 6, pin 18 = SREF – 0.75 V,
4.2
9.2
14.2
dB
pin 76 = 5 V, Pin 28
RREC2
RREC2
Input to pins 3, 4, 5, and 6, pin 18 = SREF – 0.75 V,
20
23
26
dB
pin 76 = 5 V, Pin 28
RRECOST
ROST
Pin 3 = pin 4 = pin 5 = pin 6 = PREF, pin 18 = SREF
SREF – 0.3
SREF
SREF + 0.3
V
Pin 76 = 5 V, pin 28
FEGAIN1
FEG1
Input to pins 3, 4, 5, and 6, pin 18 = SREF – 0.75 V,
13.9
17.9
21.9
dB
pin 76 = 5 V, Pin 29
FEGAIN2
FEG2
Input to pins 3, 4, 5, and 6, pin 18 = SREF + 0.75 V,
24
27
30
dB
pin 76 = 5 V, Pin 29
FEOST
FOST
Pin 3 = pin 4 = pin 5 = pin 6 = PREF, pin 18 = SREF
SREF – 0.3
SREF
SREF + 0.3
V
Pin 76 = 5 V, pin 29
Input such that pin 3 = pin 5 and pin 4 = pin 6,
FEBAL1
FBAL1
pin 18 = SREF, Pin 76 = 5 V, pin 19 = SREF – 1 V,
3.7
6.7
9.7
dB
pin 29:
∆GAIN
Input such that pin 3 = pin 5 and pin 4 = pin 6,
FEBAL2
FBAL2
pin 18 = SREF, Pin 76 = 5 V, pin 19 = SREF + 1 V,
–9.7
–6.7
–3.7
dB
pin 29:
∆GAIN
TEGAIN1
TEG1
Input to pin 10 and 11, pin 18 = SREF – 0.75 V,
11.8
15.8
19.8
dB
pin 63 = 0 V, Pin 68 = 0 V, pin 36
TEGAIN2
TEG2
Input to pin 10 and 11, pin 18 = SREF + 0.75 V,
26
29
32
dB
pin 63 = 0 V, pin 68 = 0 V, pin 36
TEOST
TOST
Pin 10 = pin 11 = PREF, pin 18 = SREF, pin 63 = 0 V
SREF – 0.3
SREF
SREF + 0.3
V
Pin 68 = 0 V, pin 53 = 5 V, pin 36
TEBAL1
TBAL1
Input to pins 10 and 11, pin 18 = SREF, pin 63 = 0 V
4
7
10
dB
Pin 68 = 0 V, pin 20 = REF – 1 V, pin 36
∆GAIN
TEBAL2
TBAL2
Input to pins 10 and 11, pin 18 = SREF, pin 63 = 0 V
–10
–7
–4
dB
Pin 68 = 0 V, pin 20 = REF + 1 V, pin 36
∆GAIN
The difference in the pin 30 voltage between when
DPD phase difference
input with pin 1 = SREF, pin 2 = 5 MHz with 0° phase,
Voltage difference 1
PD1
pin 3 = 5 MHz with 36° phase, and when input with
0.25
0.37
0.48
V
pin 1 = SREF, pin 2 = 5 MHz with 36° phase,
pin 3 = 5 MHz with 0° phase. RL = 6.8 kΩ
The difference in the pin 30 voltage between when
DPD phase difference
input with pin 1 = SREF, pin 2 = 5 MHz with 0° phase,
Voltage difference 2
PD2
pin 4 = 5 MHz with 36° phase, and when input with
–0.48
–0.37
–0.25
V
pin 1 = SREF, pin 2 = 5 MHz with 36° phase,
pin 4 = 5 MHz with 0° phase. RL = 6.8 kΩ
Electrical Characteristics/Operating Characteristics
at Ta = 25°C, VCC (pins 12, 55, and 66) = 5 V, ground (pins 17, 49, and 74) = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
Vcc
5.0
V
Operating supply voltage
Vccop
4.5 to 5.5
V
Operating Conditions at Ta = 25°C
Continued on next page.


同様の部品番号 - LA9702W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W Datasheet
119Kb / 15P
   LA9703W
LA9703W SANYO-LA9703W Datasheet
390Kb / 16P
   Front End Processor for DVD Player
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
   Front End Processor for DVD Player
More results

同様の説明 - LA9702W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
   Front End Processor for DVD Player
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
   Sound processor for DVD player
logo
Princeton Technology Co...
PT9202 PTC-PT9202 Datasheet
217Kb / 5P
   DVD Analog Front-End
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
   Progressive Scan DVD Player
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
logo
List of Unclassifed Man...
MT1389DE ETC1-MT1389DE Datasheet
1Mb / 5P
   MediaTek MT1389DE DVD Player Chip Set MTK / Processor IC TQFP
logo
Analog Devices
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
logo
Samsung semiconductor
S5L1454A SAMSUNG-S5L1454A Datasheet
1Mb / 161P
   DVD PLAYER DIGITAL SERVO & DSP IC
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Rohm
RLD65MPT5 ROHM-RLD65MPT5 Datasheet
72Kb / 4P
   Red Laser for DVD-player, Combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com